Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2354AIDGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2354AIDGKR
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2354AIDGKR Datasheet(HTML) 2 Page - Texas Instruments

  OPA2354AIDGKR Datasheet HTML 1Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 2Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 3Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 4Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 5Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 6Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 7Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 8Page - Texas Instruments OPA2354AIDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
OPA354, OPA2354, OPA4354
SBOS233F – MARCH 2002 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information: OPA354 .................................. 7
7.5
Thermal Information: OPA2354 ................................ 7
7.6
Thermal Information: OPA4354 ................................ 7
7.7
Electrical Characteristics: VS = 2.7 V to 5.5 V Single-
Supply ........................................................................ 8
7.8
Typical Characteristics ............................................ 10
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 15
8.3
Feature Description................................................. 16
8.4
Device Functional Modes........................................ 20
9
Application and Implementation ........................ 21
9.1
Application Information............................................ 21
9.2
Typical Application ................................................. 21
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 23
11.3
Power Dissipation ................................................. 23
11.4
PowerPAD Thermally-Enhanced Package ........... 24
11.5
PowerPAD Assembly Process .............................. 24
12
Device and Documentation Support ................. 26
12.1
Documentation Support ....................................... 26
12.2
Related Links ........................................................ 26
12.3
Receiving Notification of Documentation Updates 26
12.4
Community Resources.......................................... 26
12.5
Trademarks ........................................................... 26
12.6
Electrostatic Discharge Caution ............................ 26
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
Changes from Revision E (March 2002) to Revision F
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Deleted Package/Ordering Information table, see POA at the end of the data sheet............................................................ 1
Renamed OPAx354 Related Products table to Device Comparison Table ........................................................................... 3


Similar Part No. - OPA2354AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354AIDGKR TI-OPA2354AIDGKR Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2354AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com