Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA131UA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA131UA
Description  General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA131UA Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA131UA Datasheet HTML 2Page - Texas Instruments OPA131UA Datasheet HTML 3Page - Texas Instruments OPA131UA Datasheet HTML 4Page - Texas Instruments OPA131UA Datasheet HTML 5Page - Texas Instruments OPA131UA Datasheet HTML 6Page - Texas Instruments OPA131UA Datasheet HTML 7Page - Texas Instruments OPA131UA Datasheet HTML 8Page - Texas Instruments OPA131UA Datasheet HTML 9Page - Texas Instruments OPA131UA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
OPA131, 2131, 4131
6
SBOS040A
www.ti.com
SMALL-SIGNAL STEP RESPONSE
G =1, C
L = 300pF
200ns/div
TYPICAL CHARACTERISTICS (Cont.)
At TCASE = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
G = 1, C
L = 300pF
1
µs/div
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
Load Capacitance
50
40
30
20
10
0
100pF
1nF
10nF
R
L = 2kΩ
Higher R
L value
generally reduces
overshoot.
G = +2
G = –1
G =
±10
G = 1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
0
5
10
15
20
25
30
Output Current (mA)
–55
°C
–55
°C
25
°C
125
°C
125
°C
25
°C
V
IN = –15V
V
IN = 15V
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
100
10
1
–1
–10
–100
–1000
V
O = 10V Step
R
L = 2kΩ
C
L = 100pF
0.1%
0.01%


Similar Part No. - OPA131UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA131UA BURR-BROWN-OPA131UA Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA131UA TI-OPA131UA Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA TI-OPA131UA Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA/2K5 TI-OPA131UA/2K5 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131UA2K5 TI-OPA131UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA131UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA131 TI-OPA131 Datasheet
1Mb / 18P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA131 BURR-BROWN-OPA131 Datasheet
318Kb / 7P
   General Purpose FET-INPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
TL082 DIODES-TL082 Datasheet
228Kb / 11P
   GENERAL PURPOSE JFET INPUT OPERATIONAL AMPLIFIERS
TL082 Rev. 1
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com