Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2343UA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2343UA
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2343UA Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2343UA Datasheet HTML 6Page - Texas Instruments OPA2343UA Datasheet HTML 7Page - Texas Instruments OPA2343UA Datasheet HTML 8Page - Texas Instruments OPA2343UA Datasheet HTML 9Page - Texas Instruments OPA2343UA Datasheet HTML 10Page - Texas Instruments OPA2343UA Datasheet HTML 11Page - Texas Instruments OPA2343UA Datasheet HTML 12Page - Texas Instruments OPA2343UA Datasheet HTML 13Page - Texas Instruments OPA2343UA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPA343, 2343, 4343
10
SBOS090A
FIGURE 8. Transimpedance Amplifier.
FIGURE 5. OPA343 in Noninverting Configuration Driving ADS7816.
FIGURE 7. Speech Bandpass Filter.
FIGURE 6. OPA343 in Inverting Configuration Driving ADS7816.
ADS7816
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA343
+5V
For improved accuracy use OPA340.
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1µF
0.1µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
3300pF
ADS7816
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA343
+5V
For improved accuracy use OPA340.
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1µF
0.1µF
7
6
5
NOTE: A/D Input = 0 to V
REF
5k
5k
330pF
V
IN = 0V to –5V for 0V to 5V output.
243k
10M
10M
1.74M
220pF
47pF
200pF
1/2
OPA2343
+5V
V
IN
R
L
1/2
OPA2343
Filters 160Hz to 2.4kHz
OPA343
V
O
10M
<1pF (prevents gain peaking)
+V
λ


Similar Part No. - OPA2343UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2343UA BURR-BROWN-OPA2343UA Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343UA TI-OPA2343UA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343UA TI-OPA2343UA Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343UA TI-OPA2343UA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343UA-2K5 TI-OPA2343UA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results

Similar Description - OPA2343UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com