Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA360 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA360
Description  3V Video Amplifier with 6dB Gain and Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA360 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA360 Datasheet HTML 5Page - Texas Instruments OPA360 Datasheet HTML 6Page - Texas Instruments OPA360 Datasheet HTML 7Page - Texas Instruments OPA360 Datasheet HTML 8Page - Texas Instruments OPA360 Datasheet HTML 9Page - Texas Instruments OPA360 Datasheet HTML 10Page - Texas Instruments OPA360 Datasheet HTML 11Page - Texas Instruments OPA360 Datasheet HTML 12Page - Texas Instruments OPA360 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OPA360
SB0S294E − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
9
approximately 60mV. This is well within the linear output
voltage range of the OPA360 with a standard 150
Ω video
load. Figure 6 shows the function of the level shifter.
Figure 6. Internal Level Shifter, Shifts Input
Signal by Approximately 60mV to Prevent Sync
Tip Clipping
The level shift function is particularly useful when the
output of the OPA360 is DC-coupled to the video load.
However, it is also helpful when sag correction is
employed. The offset helps to shift the video signal closer
to the positive rail, so that with even a small 33
µF coupling
capacitor, the output is well outside the saturation limits of
the OPA360. Figure 7 shows the output swing of the
OPA360, operated on 3.0V supplies, with a 22
µF sag
correction capacitor and a 33
µF output coupling capacitor.
The test signal is a 50Hz signal constructed to generate a
1/2 black, 1/2 white screen. This video pattern is one of the
most difficult patterns to display because it is the worst
case signal regarding signal swing. A worst case signal
such as this is highly unlikely in normal operation. Any
other signal has a lower swing range. Note in Figure 7 that
neither the white nor the black portion of the video signal
is clipped.
Figure 7. Output Swing with 33
mF on 3V Supply
OUTPUT SWING TO GND (SYNC PULSE)
Figure 8 shows the true output swing capability of the
OPA360 by taking the tip of the input sync pulse to a
slightly negative voltage. Even when the output sync tip is
at 8mV, the output shows no clipping of the sync pulse.
Figure 8. Input Sync Tip at −30mV (Output Shows
No Sign of Clipping)


Similar Part No. - OPA360

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
OPA360AIDCKR BURR-BROWN-OPA360AIDCKR Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
OPA360AIDCKT BURR-BROWN-OPA360AIDCKT Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
More results

Similar Description - OPA360

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA362 TI-OPA362 Datasheet
708Kb / 18P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
[Old version datasheet]   3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
[Old version datasheet]   3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
   3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
logo
SG Micro Corp
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com