Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2354 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2354
Description  250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2354 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2354 Datasheet HTML 3Page - Texas Instruments OPA2354 Datasheet HTML 4Page - Texas Instruments OPA2354 Datasheet HTML 5Page - Texas Instruments OPA2354 Datasheet HTML 6Page - Texas Instruments OPA2354 Datasheet HTML 7Page - Texas Instruments OPA2354 Datasheet HTML 8Page - Texas Instruments OPA2354 Datasheet HTML 9Page - Texas Instruments OPA2354 Datasheet HTML 10Page - Texas Instruments OPA2354 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
OPA354, OPA2354, OPA4354
www.ti.com
SBOS233F – MARCH 2002 – REVISED JUNE 2016
Product Folder Links: OPA354 OPA2354 OPA4354
Submit Documentation Feedback
Copyright © 2002–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information: OPA354
THERMAL METRIC(1)
OPA354
UNIT
DBV (SOT-23)
DDA (HSOP)
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
216.3
42.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
84.3
54
°C/W
RθJB
Junction-to-board thermal resistance
43.1
26.5
°C/W
ψJT
Junction-to-top characterization parameter
3.8
8
°C/W
ψJB
Junction-to-board characterization parameter
42.3
26.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Thermal Information: OPA2354
THERMAL METRIC(1)
OPA2354
UNIT
DDA (HSOP)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
40.6
175.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
46
67.8
°C/W
RθJB
Junction-to-board thermal resistance
20.7
97.1
°C/W
ψJT
Junction-to-top characterization parameter
5.6
9.3
°C/W
ψJB
Junction-to-board characterization parameter
20.6
95.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.6 Thermal Information: OPA4354
THERMAL METRIC(1)
OPA4354
UNIT
D (SOIC)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
83.8
92.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.7
27.5
°C/W
RθJB
Junction-to-board thermal resistance
59.5
33.6
°C/W
ψJT
Junction-to-top characterization parameter
11.6
1.9
°C/W
ψJB
Junction-to-board characterization parameter
37.7
33.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - OPA2354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354 TI-OPA2354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354 TI1-OPA2354 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354 TI1-OPA2354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354 TI1-OPA2354 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2354

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354-Q1 TI-OPA354-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA4354-Q1 TI-OPA4354-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx354-Q1 250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com