Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2234UA Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2234UA
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2234UA Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2234UA Datasheet HTML 3Page - Texas Instruments OPA2234UA Datasheet HTML 4Page - Texas Instruments OPA2234UA Datasheet HTML 5Page - Texas Instruments OPA2234UA Datasheet HTML 6Page - Texas Instruments OPA2234UA Datasheet HTML 7Page - Texas Instruments OPA2234UA Datasheet HTML 8Page - Texas Instruments OPA2234UA Datasheet HTML 9Page - Texas Instruments OPA2234UA Datasheet HTML 10Page - Texas Instruments OPA2234UA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
OPA234, OPA2234, OPA4234
7
SBOS055B
www.ti.com
TYPICAL CHARACTERISTIC CURVES (Cont.)
At TA = +25°C and RL = 10kΩ, unless otherwise noted.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
0.3%
0.1%
25
20
15
10
5
0
V
S = +2.7V, +5V
Typical production
distribution of packaged
units. Single, dual, and
quad units included.
0.1%
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (µV)
30
25
20
15
10
5
0
V
S = ±15V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
0.2%
0.3%
0.7%
0.1%
0.5%
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.5%
0.3%
V
S = +5V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
30
25
20
15
10
5
0
V
S = ±15V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
0.1%
0.1%
0.1%
0.1%
0.2%
0.4% 0.3%
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
35
30
25
20
15
10
5
0
0.1%
0.1%
0.2%
0.1%
0.3%
V
S = +2.7V
Typical production
distribution of packaged
units. Single, dual,
and quad units included.
A
OL, CMR, AND PSR vs TEMPERATURE
Ambient Temperature (
°C)
140
130
120
110
100
90
80
70
60
–75
–50
–25
0
25
50
75
100
125
CMR
PSR
V
CM = (V–) –0.02V to (V+) –1V
A
OL
V
S = +2.7V
V
S = +5V
V
S = ±15V


Similar Part No. - OPA2234UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2234UA BURR-BROWN-OPA2234UA Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234UA BURR-BROWN-OPA2234UA Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234UA TI-OPA2234UA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2234UA/2K5 BURR-BROWN-OPA2234UA/2K5 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234UA/2K5E4 BURR-BROWN-OPA2234UA/2K5E4 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2234UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
   Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA4234PA TI-OPA4234PA Datasheet
1Mb / 22P
[Old version datasheet]   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
   Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
[Old version datasheet]   LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Analog Devices
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com