Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2197IDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2197IDGKR
Description  36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2197IDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2197IDGKR Datasheet HTML 5Page - Texas Instruments OPA2197IDGKR Datasheet HTML 6Page - Texas Instruments OPA2197IDGKR Datasheet HTML 7Page - Texas Instruments OPA2197IDGKR Datasheet HTML 8Page - Texas Instruments OPA2197IDGKR Datasheet HTML 9Page - Texas Instruments OPA2197IDGKR Datasheet HTML 10Page - Texas Instruments OPA2197IDGKR Datasheet HTML 11Page - Texas Instruments OPA2197IDGKR Datasheet HTML 12Page - Texas Instruments OPA2197IDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
OPA197, OPA2197, OPA4197
www.ti.com
SBOS737A – JANUARY 2016 – REVISED JULY 2016
Product Folder Links: OPA197 OPA2197 OPA4197
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = 4.5 V to 8 V)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±2.25 V, VCM = (V+) – 3 V
±5
±250
µV
TA = 0°C to 85°C
±8
±350
TA = –40°C to +125°C
±10
±400
(V+) – 3.5 V < VCM < (V+) – 1.5 V
See Common-Mode Voltage Range section
VS = ±3 V, VCM = (V+) – 1.5 V
±10
±250
µV
TA = 0°C to 85°C
±25
±350
TA = –40°C to +125°C
±50
±500
dVOS/dT
Input offset voltage drift
VS = ±2.25 V, VCM = (V+) – 3 V
TA = –40°C to +125°C
±0.5
±2.5
µV/°C
VS = ±2.25 V, VCM = (V+) – 1.5 V
±0.8
±4.5
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C, VCM = VS / 2 – 0.75 V
±2
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±5
±20
pA
TA = –40°C to +125°C
±5
nA
IOS
Input offset current
±2
±20
pA
TA = –40°C to +125°C
±2
nA
NOISE
En
Input voltage noise
(V–) – 0.1 V < VCM < (V+) – 3 V, f = 0.1 Hz to 10 Hz
1.30
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V, f = 0.1 Hz to 10 Hz
4
en
Input voltage noise
density
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 100 Hz
10.5
nV/
√Hz
f = 1 kHz
5.5
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 100 Hz
32
f = 1 kHz
12.5
in
Input current noise
density
f = 1 kHz
1.5
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode
rejection ratio
VS = ±2.25 V,
(V–) – 0.1 V < VCM < (V+) – 3 V
90
110
dB
TA = –40°C to +125°C
88
104
VS = ±2.25 V,
(V+) – 1.5 V < VCM < (V+)
94
120
TA = –40°C to +125°C
77
100
VS = ±2.25 V,
(V+) – 3 V < VCM < (V+) – 1.5 V
See Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
MΩ || pF
ZIC
Common-mode
1 || 6.4
1013Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±2.25 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RLOAD = 2 kΩ
104
126
dB
TA = –40°C to +125°C
100
114
VS = ±2.25 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RLOAD = 10 kΩ
104
134
TA = –40°C to +125°C
100
120


Similar Part No. - OPA2197IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2197 TI1-OPA2197 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA2197 TI-OPA2197 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA2197-Q1 TI1-OPA2197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
OPA2197-Q1 TI-OPA2197-Q1 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA2197QDGKRQ1 TI1-OPA2197QDGKRQ1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
More results

Similar Description - OPA2197IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA197-Q1 TI1-OPA197-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Operational Amplifier With e-trim
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com