Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2322S-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2322S-Q1
Description  CMOS Operational Amplifier With Shutdown
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2322S-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2322S-Q1 Datasheet HTML 3Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 4Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 5Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 6Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 7Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 8Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 9Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 10Page - Texas Instruments OPA2322S-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
100
-
-50
150
Temperature( C)
°
-25
25
50
0
75
100
125
I
OS
I
B+
I
B-
I
OS
I
B
1.6
1.55
1.5
1.45
1.4
1.35
1.3
1.5
5.5
SupplyVoltage(V)
4
4.5
5
2
2.5
3
3.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
0.9
2.9
SupplyVoltage( V)
±
1.1
1.3
1.5
1.7
2.5
I
B-
I
B+
2.3
2.1
1.9
2.7
6
5
4
3
2
1
0
1
2
3
4
5
6
-
-
-
-
-
-
-3
3
Common-ModeVoltage(V)
-2.5
-2
-1.5
-1
1
0.5
0
-0.5
1.5
I
B+
I
B-
I
OS
2
2.5
125
120
115
110
105
100
95
90
85
-50
150
Temperature( C)
°
75
100
125
2k
Load
W
10k
Load
W
-25
0
25
50
140
120
100
80
60
40
20
0
20
-
1
100M
Frequency(Hz)
100k
1M
10M
10
100
1k
10k
-20
40
60
80
100
120
140
160
180
-
-
-
-
-
-
-
-
R =10k ,50pF
V = 2.5V
W
L
S
±
Phase
Gain
OPA322-Q1, OPA322S-Q1
OPA2322-Q1, OPA2322S-Q1
OPA4322-Q1, OPA4322S-Q1
www.ti.com
SLOS856A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
At TA = 25°C, VCM = VOUT = mid-supply, and RL = 10 kΩ, unless otherwise noted.
OPEN-LOOP GAIN/PHASE versus FREQUENCY
OPEN-LOOP GAIN versus TEMPERATURE
Figure 1.
Figure 2.
INPUT BIAS CURRENT versus SUPPLY VOLTAGE
INPUT BIAS CURRENT versus COMMON-MODE VOLTAGE
Figure 3.
Figure 4.
INPUT BIAS CURRENT versus TEMPERATURE
QUIESCENT CURRENT versus SUPPLY VOLTAGE
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA322-Q1 OPA322S-Q1 OPA2322-Q1 OPA2322S-Q1 OPA4322-Q1 OPA4322S-Q1


Similar Part No. - OPA2322S-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2322S-Q1 TI1-OPA2322S-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
More results

Similar Description - OPA2322S-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com