Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS89C21 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS89C21
Description  Differential CMOS Line Driver and Receiver Pair
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS89C21 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS89C21 Datasheet HTML 1Page - National Semiconductor (TI) DS89C21 Datasheet HTML 2Page - National Semiconductor (TI) DS89C21 Datasheet HTML 3Page - National Semiconductor (TI) DS89C21 Datasheet HTML 4Page - National Semiconductor (TI) DS89C21 Datasheet HTML 5Page - National Semiconductor (TI) DS89C21 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
DRIVER AND RECEIVER CHARACTERISTICS
I
CC
Supply Current
No Load
DI = V
CC or GND
V
CC
3.0
6
mA
DI = 2.4V or 0.5V
3.8
12
mA
Switching Characteristics (Note 3)
Over recommended supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
t
PLHD
Propagation Delay LOW to HIGH
R
L = 100Ω
(
Figures 2, 3)
2
4.9
10
ns
t
PHLD
Propagation Delay HIGH to LOW
C
L = 50 pF
2
4.5
10
ns
t
SKD
Skew, |t
PLHD–t PHLD|
0.4
2.0
ns
t
TLH
Transition Time LOW to HIGH
(
Figures 2, 4)
2.2
9
ns
t
THL
Transition Time HIGH to LOW
2.1
9
ns
RECEIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to HIGH
C
L = 50 pF
(
Figures 5, 6)
6
18
30
ns
t
PHL
Propagation Delay HIGH to LOW
V
DIFF = 2.5V
6
17.5
30
ns
t
SK
Skew, |t
PLH–t PHL|VCM = 0V
0.5
4.0
ns
t
r
Rise Time
(
Figure 7)
2.5
9
ns
t
f
Fall Time
2.1
9
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given for VCC = 5.0V and T A = 25˚C.
Note 4: f = 1 MHz, tr and tf ≤ 6 ns.
Note 5: ESD Rating: HBM (1.5 k
Ω, 100 pF) all pins ≥ 2000V.
EIAJ (0
Ω, 200 pF) ≥ 250V
Parameter Measurement Information
DS011753-2
FIGURE 1. V
OD and VOC Test Circuit
www.national.com
3


Similar Part No. - DS89C21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS89C21TM TI1-DS89C21TM Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
DS89C21TM/NOPB TI1-DS89C21TM/NOPB Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
DS89C21TMX TI1-DS89C21TMX Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
DS89C21TMX/NOPB TI1-DS89C21TMX/NOPB Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
More results

Similar Description - DS89C21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com