Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2393A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2393A
Description  -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2393A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2393A Datasheet HTML 4Page - Texas Instruments TPS2393A Datasheet HTML 5Page - Texas Instruments TPS2393A Datasheet HTML 6Page - Texas Instruments TPS2393A Datasheet HTML 7Page - Texas Instruments TPS2393A Datasheet HTML 8Page - Texas Instruments TPS2393A Datasheet HTML 9Page - Texas Instruments TPS2393A Datasheet HTML 10Page - Texas Instruments TPS2393A Datasheet HTML 11Page - Texas Instruments TPS2393A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TPS2393A
SLUS610 − JULY 2004
8
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5. UVLO Protection, Supply Falling
RTN (5 V/div)
GATE (5 V/div)
VUVLO_H
CLOAD =50µF
RLOAD = 1 kΩ
t − Time − 5 ms / div
Figure 6. Insertion/Extraction Detection
t − Time − 1 ms / div
RAMP
(2 V/div.)
Insertion
Delay
Extraction
Delay
INSB
(5 V/div.)
VDRAIN(20V/div.)
Figure 7. Load Current Ramp Profiles
CFLT = 0.33 µF
CLOAD = 600 µF
IRAMP (2 V/div)
CIRAMP
=
3900 pF
ILOAD
(500 mA/div)
CIRAMP = .022µF
CIRAMP = .056 µF
t − Time − 10 ms / div
Figure 8. Fault Retry Operation
t − Time − 50 ms / div
ILOAD (1 A/div)
VDRAIN (50 V/div)
FLTTIME (2 V/div)
CIRAMP = 3900 pF
CFLT = 0.047 µF
CLOAD = 100 µF
RLOAD = 12.5 Ω
FAULT (50 V/div)
PG (50 V/div)


Similar Part No. - TPS2393A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393A TI-TPS2393A Datasheet
614Kb / 29P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
More results

Similar Description - TPS2393A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2393A TI-TPS2393A Datasheet
614Kb / 29P
[Old version datasheet]   -48-V HOT SWAP WITH INSERTION AND REMOVAL DETECTION DELAY
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
logo
Analog Devices
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
[Old version datasheet]   -48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
   -48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com