Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-170 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-170
Description  Mono-Color Upward-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-170 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-170_12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
39
● ● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
上面発光・単色タイプ
CL-170 Series
Mono-Color Upward-Lighting Type
CL-170 Series
●絶対最大定格 Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
※1 IFPの条件はduty 1/10 、パルス巾30msecです。
※1 Conditions for IFP are pulse of 1/10 duty and 30msec width.
(
UR,HRを除く)
Except UR and HR
VF
λd
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性 Electro-optical Characteristics
(Ta 25℃)
CL-170R
Red
20
2.2
2.6
645
100
20
0.5
1.3
CL-170D
Orange
20
2.2
2.6
600
40
20
2.4
7.1
CL-170Y
Yellow
20
2.1
2.6
589
40
20
2.6
6.4
CL-170YG
Yellow green
20
2.2
2.6
575
30
20
5
18
CL-170G
Green
20
2.2
2.6
570
26
20
2.5
10
CL-170FG
Fresh green
20
2.2
2.6
566
26
20
2.2
6.5
CL-170PG
Pure green
20
2.2
2.6
559
24
20
1
3
CL-170SR
20
2
2.6
640
40
20
1.5
4.3
CL-170SD
20
2
2.6
620
40
20
2
6.2
CL-170UR
20
1.8
2.6
650
20
20
3.5
13
CL-170HR
20
1.8
2.6
640
20
20
5
23
※NIST規格に準拠
※Per NIST standards
Super
brightness red
Super brightness
orange
Ultra
brightness red
High
brightness red
●外形寸法図 Outline drawing
単位 Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
(0.625)
1.25
1.1
0.5
LED 素子
基板
樹脂
LED die
PCB
※UR,HRの場合
※For UR and HR
カソードマーク
/Cathode mark
はんだ付け電極
極性
Polarity
Soldering terminal
Resin
リフローはんだ用
For reflow soldering
1.2
HR
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10° 0°
10
° 20° 30°
40
°
指向特性
Directive Characteristics
全機種共通
Common to
all colors
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
SD
UR/HR
SR
Iv-Ta 特性
Iv-Ta Characteristics
500
200
100
50
20
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
SD
UR/HR
SR
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
1
2
5
10
20
50
1.6
1.8
2.0
2.2
2.4
2.6
50
20
10
5
1
2
0.5
IF(
mA)
VF(V)
Iv-IF 特性
Iv-IF Characteristics
SD
UR
SR
1
2
5
10
20
50
50
20
10
5
1
2
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
SD
UR/HR
SR
1.6
1.8
2.0
2.2
2.4
2.6
VF(V)
50
20
10
5
1
2
100
IF-VF 特性
IF-VF Characteristics
- 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
CL-170UR•HR
CL-170シリーズ
CL-170Series
YG/G/FG/PG
Y
D
R
YG/G/FG/PG
Y
D
R
Y/FG
YG
PG
D
G
R
R/YG/G/FG
Y
D
PG
0
■ 諸特性 Characteristics
2.0(L)×1.25(W)×1.1(H)mm
● 小型のチップLEDです。
● Compact chip LED
発光色のラインアップにつきましては、発注時にお問い
合わせの上、ご確認ください。
Please contact us at the time of order for the lineup of
luminescent colors.
CL-170
65
25
100※1
5
−25∼+80
−30∼+85
CL-170UR/HR
78
30
Product code
Color variation


Similar Part No. - CL-170_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-170B1-CD-T CITIZEN-CL-170B1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-170B1-XD-T CITIZEN-CL-170B1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-170G1-CD-T CITIZEN-CL-170G1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-170G1-XD-T CITIZEN-CL-170G1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-170_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
   Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
   Mono-Color Upward-Lighting Type
CL-195 CITIZEN-CL-195 Datasheet
503Kb / 1P
   Mono-Color Upward-Lighting Type
CL-196 CITIZEN-CL-196 Datasheet
505Kb / 1P
   Mono-Color Upward-Lighting Type
CL-190 CITIZEN-CL-190 Datasheet
502Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198T CITIZEN-CL-198T_12 Datasheet
79Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198N CITIZEN-CL-198N Datasheet
84Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198S CITIZEN-CL-198S Datasheet
388Kb / 1P
   Mono-Color Upward-Lighting Type
CL-282S CITIZEN-CL-282S Datasheet
387Kb / 1P
   Mono-Color Upward-Lighting Type
CL-191 CITIZEN-CL-191 Datasheet
504Kb / 1P
   Mono-Color Upward-Lighting Type
CL-A100 CITIZEN-CL-A100 Datasheet
96Kb / 2P
   Mono-Color Upward-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com