Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-197 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-197
Description  Mono-Color Upward-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-197 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-197_12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
47
● ● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
上面発光・単色タイプ
CL-197 Series
Mono-Color Upward-Lighting Type
CL-197 Series
1.6(L)×0.8(W)×0.4(H)mm
●絶対最大定格 Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Series
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
※1 IFPの条件はduty 1/10 、パルス巾30msecです。
※1 Conditions for IFP are pulse of 1/10 duty and 30msec width.
Product code
Color variation
VF
λd
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性 Electro-optical Characteristics
(Ta 25℃)
CL-197YG
Yellow green
20
2.2
2.6
575
30
20
5
18
※NIST規格に準拠
※Per NIST standards
●外形寸法図 Outline drawing
単位 Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
0.8
(0.12)
(0.4)
0.4
LED 素子
基板
樹脂
LED die
PCB
※UR•HRの場合
※For UR and HR
カソードマーク
Cathode mark
はんだ付け電極
極性
Polarity
Soldering terminal
Resin
リフローはんだ用
For reflow soldering
0.8
120
20
40
60
80
100
50
°
60
°
70
°
80
°
90
°
40
°
30
°
20
° 10°
0
° 10° 20° 30°
40
°
指向特性
Directive Characteristics
Iv-Ta 特性
Iv-Ta Characteristics
10
5
1
0.5
0.1
- 20
0
20
40
60
80
100
T a (°C)
T a (°C)
- 20
0
20
40
60
80
100
2.6
2.4
2.2
2.0
1.6
1.8
VF-Ta 特性
VF-Ta Characteristics
T a (°C)
1
5
10
50
50
10
5
1
0.5
0.5
IF(
mA)
Iv-IF 特性
Iv-IF Characteristics
1.6
1.8
2.0
2.4
VF(V)
50
10
5
1
100
IF-VF 特性
IF-VF Characteristics
- 20
0
20
40
60
80
100
30
25
20
15
5
10
IFmax-Ta 特性
IFmax-Ta Characteristics
IF=20mA
0
50
°
60
°
70
°
80
°
90
°
■ 諸特性 Characteristics
● 小型・薄型のチップLEDです。
● Compact and thin chip LED
CL-197
50
20
100※1
5
−25∼+80
−30∼+85


Similar Part No. - CL-197_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-197B1-CD-T CITIZEN-CL-197B1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-197B1-XD-T CITIZEN-CL-197B1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-197G1-CD-T CITIZEN-CL-197G1-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-197G1-XD-T CITIZEN-CL-197G1-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-197_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
   Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
   Mono-Color Upward-Lighting Type
CL-195 CITIZEN-CL-195 Datasheet
503Kb / 1P
   Mono-Color Upward-Lighting Type
CL-196 CITIZEN-CL-196 Datasheet
505Kb / 1P
   Mono-Color Upward-Lighting Type
CL-190 CITIZEN-CL-190 Datasheet
502Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198T CITIZEN-CL-198T_12 Datasheet
79Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198N CITIZEN-CL-198N Datasheet
84Kb / 1P
   Mono-Color Upward-Lighting Type
CL-198S CITIZEN-CL-198S Datasheet
388Kb / 1P
   Mono-Color Upward-Lighting Type
CL-282S CITIZEN-CL-282S Datasheet
387Kb / 1P
   Mono-Color Upward-Lighting Type
CL-191 CITIZEN-CL-191 Datasheet
504Kb / 1P
   Mono-Color Upward-Lighting Type
CL-A100 CITIZEN-CL-A100 Datasheet
96Kb / 2P
   Mono-Color Upward-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com