Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGP02-12E Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RGP02-12E
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RGP02-12E Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RGP02-12E Datasheet HTML 1Page - Diode Semiconductor Korea RGP02-12E Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TJ=25℃
PU LSE W IDTH=300 μ s
2% DU TY CYC LE
0.6
0.001
0.01
0.1
1.0
2.0
0.8
1 .0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.01
0
TJ-100℃
0.1
1.0
20
10
40
60
80
100
120
140
TJ-25℃
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
0
0
0.1
0.2
0.3
0.4
0.5
6
25
50
75
100
125
150
175
-1.0A
-0.25A
0
+0.5A
trr
PULSE
GENERATOR
(NOTE2)
D.U.T.
N.1.
50Ω
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10Ω
N.1.
(- )
(+ )
0
1100
15
10
TJ=25
8.3ms Single Half
Sine-Wave
10
5
20
25
24
6
20
40
60
RGP02-12E(Z)---RGP02-20E(Z)
SETTIMEBASEFOR50/100 ns /cm
AMBIENTTEMPERATURE,
NUMBER OF CYCLES AT60 Hz
NOTES:1.RISETIME=75ns MAX. INPUTIMPEDANCE=1M
Ω.22pF
FIG.1 -- REVERSERECORERY TIME CHARACTERISTICAND TEST CIRCUIT DIAGRAM
FIG.2 --DERATING DURVE FOR OUTPUT
FORWARD VOLTAGE,VOLTS
PERCENTOF FATED REVERSEVOLTAGE,%
FIG.4--TYPICAL FORWARD CHARACTERISTIC
FIG.5--TYPICAL REVERSE CHARACTERISTICS
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5OΩ
FORWARD SURGECURRENT
FIG.3 --MAXIMUM NON-REPETITIVEPEAK
RECTIFIED CURRENT
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - RGP02-12E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RGP02-12E VISHAY-RGP02-12E Datasheet
29Kb / 2P
   Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
RGP02-12E VISHAY-RGP02-12E Datasheet
90Kb / 5P
   Glass Passivated Junction Fast Switching Plastic Rectifier
Revision: 11-Dec-13
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E Datasheet
19Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGP02-12E VISHAY-RGP02-12E Datasheet
82Kb / 2P
   Glass Passivated Junction Fast Switching Rectifier
08-Apr-04
More results

Similar Description - RGP02-12E

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com