Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9926 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # SI9926
Description  Dual N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

SI9926 Datasheet(HTML) 3 Page - ZP Semiconductor

  SI9926 Datasheet HTML 1Page - ZP Semiconductor SI9926 Datasheet HTML 2Page - ZP Semiconductor SI9926 Datasheet HTML 3Page - ZP Semiconductor SI9926 Datasheet HTML 4Page - ZP Semiconductor SI9926 Datasheet HTML 5Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0.015
0.02
0.025
0.03
0.035
0.04
0
50
100
150
Tj.Junction Temperature(℃)
0.015
0.017
0.019
0.021
0.023
0.025
0.027
0.029
0
5
10
15
20
ID-Drain Current(A)
Figure 5.On-Resistance Variation
Figure 6.On-Resistance vs. Drain Current
with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0
2
4
6
8
10
VGS,Gate-to-Source Voltage(Volts)
0.1
1
10
100
0.1
0.6
1.1
1.6
VSD-Source-to-Drain Voltage(V)
Figure 7 . On-Resistance vs. Gate-to-Source
Figure 8 . Source-Drain Diode Forward
Voltage
Voltage
4.5V/6A
VGS=2.5V
VGS=4.5V
ID=6A
Tj=150
Tj=25
ID=5.2A
sales@zpsemi.com
www.zpsemi.com
3 of 5
SI9926


Similar Part No. - SI9926

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9926ADY VISHAY-SI9926ADY Datasheet
37Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 25-Jun-01
logo
VBsemi Electronics Co.,...
SI9926ADY-T1-E3 VBSEMI-SI9926ADY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI9926BDY VISHAY-SI9926BDY Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI9926BDY VISHAY-SI9926BDY Datasheet
251Kb / 9P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-May-09
logo
Guangdong Kexin Industr...
SI9926BDY KEXIN-SI9926BDY Datasheet
499Kb / 2P
   Dual N-Channel MOSFET
More results

Similar Description - SI9926

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com