Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSDM07652RB Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSDM07652RB
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSDM07652RB Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSDM0565RB
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Sense FET SECTION
Drain source breakdown voltage
BVDSS
VGS = 0V, ID = 250µA
650
-
-
V
Zero gate voltage drain current
IDSS
VDS = 650V, VGS = 0V
-
-
500
µA
VDS= 520V
VGS = 0V, TC = 125°C
-
-
500
µA
Static drain source on resistance (1)
RDS(ON)
VGS = 10V, ID = 2.5A
-
1.76
2.2
Output capacitance
COSS
VGS = 0V, VDS = 25V,
f = 1MHz
-78
-
pF
Turn on delay time
TD(ON)
VDD= 325V, ID= 5A
(MOSFET switching
time is essentially
independent of
operating temperature)
-22
-
ns
Rise time
TR
-52
-
Turn off delay time
TD(OFF)
-95
-
Fall time
TF
-50
-
CONTROL SECTION
Initial frequency
FOSC
VFB = 3V
60
66
72
kHz
Voltage stability
FSTABLE
13V
≤ Vcc ≤ 18V
0
1
3
%
Temperature stability (2)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum duty cycle
DMAX
-77
82
87
%
Minimum duty cycle
DMIN
--
-
0
%
Start threshold voltage
VSTART
VFB=GND
11
12
13
V
Stop threshold voltage
VSTOP
VFB=GND
7
8
9
V
Feedback source current
IFB
VFB=GND
0.7
0.9
1.1
mA
Soft-start time
TS
Vfb=3
-
10
15
ms
Leading Edge Blanking time
TLEB
-
-
250
-
ns
BURST MODE SECTION
Burst Mode Voltages (2)
VBURH
Vcc=14V
-
0.7
-
V
VBURL
Vcc=14V
-
0.5
-
V
PROTECTION SECTION
Peak current limit (4)
IOVER
VFB=5V, VCC=14V
2.0
2.25
2.5
A
Over voltage protection
VOVP
-18
19
20
V
Thermal shutdown temperature (2)
TSD
130
145
160
°C
Shutdown feedback voltage
VSD
VFB ≥ 5.5V
5.5
6.0
6.5
V
Shutdown delay current
IDELAY
VFB=5V
2.8
3.5
4.2
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn