Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB5935 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SMB5935
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMB5935 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMB5935 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMB5935 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMB5935 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
FIG. 1 - POWER TEMPERATURE DERATING CURVE
FIG. 3 - MAXIMUM SURGE POWER
FIG. 5 - TEMPERATURE COEFFICIENT RANGES
FIG. 6 - TEMPERATURE COEFFICIENT RANGES
UNITS TO 12 VOLTS
UNITS 10 TO 400 VOLTS
FIG. 7 - ZENER VOLTAGE VS. ZENER CURRENT
FIG. 8 - ZENER VOLTAGE VS. ZENER CURRENT
VZ = 3.3 thru 10 VOLTS
VZ = 12 thru 82 VOLTS
VZ, ZENER VOLTAGE @ IZT (VOLTS)
10
100
1000
1000
100
10
VZ, ZENER VOLTAGE @ IZT (VOLTS)
-4
2
3456
78
910
11
12
-2
0
2
4
6
8
10
VZ, ZENER VOLTAGE (VOLTS)
0
12345678910
100
10
1
0.1
0
102030405060708090100
0.1
100
10
1
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZT
PW, PULS WIDTH (ms)
0.1
1
10
100
1000
100
10
T, LEAD TEMPERATURE (°C)
0
25
50
75
100
125
150
0
1
2
3
4
5
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ = 25 °C PRIOR
TO INITIAL PULSE
VZ @ IZT
TA
TB
www.sunmate.tw


Similar Part No. - SMB5935

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5935B SECOS-SMB5935B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5935B PACELEADER-SMB5935B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5935B SECOS-SMB5935B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5935B WEITRON-SMB5935B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
Dc Components
SMB5935B DCCOM-SMB5935B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
More results

Similar Description - SMB5935

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com