Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-770S Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-770S
Description  Flash LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-770S Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-770S_12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
● ● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
フラッシュ光源用 LED
CL-770S Series
Flash LED
CL-770S Series
■ 諸特性 Characteristics
2.0(L)×1.6(W)×0.7(H)mm
● 小型・薄型タイプです。
● Compact and thin type
VF(V)
1
5
10
200
100
50
20
IF-VF 特性
IF-VF Characteristics
2.0
2.5
3.0
3.5
4.0
4.5
Iv-IF 特性
Iv-IF Characteristics
0.5
1
0.1
10
5
1
5
10
50
100
20
50
100
200
IV-Ta 特性
IV-Ta Characteristics
T a (°
C)
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
IF
max-Ta 特性
IFmax-Ta Characteristics
T a (°
C)
-20
0
20
40
60
80
100
50
60
70
80
90
40
30
20
10
0
10
20
30
40
指向特性
Directive Characteristics
50
60
70
80
90
120
100
80
60
40
20
0
IF(mA)
1素子あたり 1-die
T a (°C)
2.8
3.0
3.4
3.6
VF-Ta 特性
VF-Ta Characteristics
3.2
3.8
-20
0
20
40
60
80
100
IF=20mA
※1 1素子当たりの値です。The values are based on 1-die performance.
※2 NIST規格に準拠、各素子同時点灯の値です。
  Compliant with NIST. The values are based on the condition that each die lights simultaneously.
※3 色度座標は、a、b、c、dに囲まれた範囲です。
  Chromaticity coordinates are surrounded by points a, b, c, and d.
●外形寸法図 Outline drawing
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
単位 Unit : mm
はんだ付け電極
Soldering terminal
Reflector
LED素子
LED die
1.6
(0.15)
1.3
0.7
(0.22)
極性 Polarity
リフローはんだ用
For reflow soldering
1.45
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
順電圧 Forward Voltage※1
VF
IF=20mA
3.2
3.6
V
逆電流 Reverse Current※1
IR
VR=5V
100
μA
光度 Luminous Intensity※2
IV
IF=20mA
6.7
cd
x(±0.02)
y(±0.02)
色度座標
a
0.270
0.220
Chromaticity coordinates※3
x, y
IF=20mA
b
0.270
0.290
c
0.350
0.400
d
0.350
0.330
●電気的光学的特性 Electro-optical Characteristics
(Ta 25℃)
Pd
IF
IFP※2
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-770S-4WQ
72
20
100
5
−25∼+80 −30∼+85
※1 1素子当たりの値です。The values are based on 1-die performance.
※2 IFPの条件はduty1/10、
パルス巾30msecです。Conditions for IFP are pulse of 1/10 duty and 30msec width.
●絶対最大定格 Absolute Maximum Rating※1
(Ta 25℃)


Similar Part No. - CL-770S_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-770S-4WN CITIZEN-CL-770S-4WN Datasheet
390Kb / 1P
   LED For Flash Light Source
CL-770S-4WN CITIZEN-CL-770S-4WN Datasheet
390Kb / 1P
   LED For Flash Light Source
CL-770S-4WQ CITIZEN-CL-770S-4WQ Datasheet
390Kb / 1P
   LED For Flash Light Source
CL-770S-4WQ CITIZEN-CL-770S-4WQ Datasheet
390Kb / 1P
   LED For Flash Light Source
More results

Similar Description - CL-770S_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-690S CITIZEN-CL-690S_12 Datasheet
123Kb / 2P
   Flash LED
CL-597S CITIZEN-CL-597S_12 Datasheet
88Kb / 1P
   Flash LED
CL-774S CITIZEN-CL-774S Datasheet
82Kb / 1P
   Flash LED
logo
Seoul Semiconductor
SSC-ZCWT824K SEOUL-SSC-ZCWT824K Datasheet
676Kb / 11P
   FLASH LED DEVICE
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
logo
List of Unclassifed Man...
SLSNNWH834TS ETC2-SLSNNWH834TS Datasheet
565Kb / 15P
   WHITE FLASH LED
logo
Integrated Silicon Solu...
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
logo
Seoul Semiconductor
FCW100Z SEOUL-FCW100Z Datasheet
575Kb / 9P
   FLASH LED DEVICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com