Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1513 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SZ1513
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SZ1513 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SZ1513 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SZ1513 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ
(1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(
Ω )(Ω )
(mA)
(
μA)
(V)
(mA)
(mApk)
3.3
76.0
10
400
1.0
100
1.0
276
1380
3.6
69.0
10
400
1.0
100
1.0
252
1260
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
4.7
53.0
8.0
500
1.0
10
1.0
193
970
5.1
49.0
7.0
550
1.0
10
1.0
178
890
5.6
45.0
5.0
600
1.0
10
2.0
162
810
6.2
41.0
2.0
700
1.0
10
3.0
146
730
6.8
37.0
3.5
700
1.0
10
4.0
133
660
7.5
34.0
4.0
700
0.5
10
5.0
121
605
8.2
31.0
4.5
700
0.5
10
6.0
110
550
9.1
28.0
5.0
700
0.5
10
7.0
100
500
10
25.0
7.0
700
0.25
10
7.6
91
454
11
23.0
8.0
700
0.25
5.0
8.4
83
414
12
21.0
9.0
700
0.25
5.0
9.1
76
380
13
19.0
10
700
0.25
5.0
9.9
69
344
15
17.0
14
700
0.25
5.0
11.4
61
305
16
15.5
16
700
0.25
5.0
12.2
57
285
18
14.0
20
750
0.25
5.0
13.7
50
250
20
12.5
22
750
0.25
5.0
15.2
45
225
22
11.5
23
750
0.25
5.0
16.7
41
205
24
10.5
25
750
0.25
5.0
18.2
38
190
27
9.5
35
750
0.25
5.0
20.6
34
170
30
8.5
40
1000
0.25
5.0
22.8
30
150
33
7.5
45
1000
0.25
5.0
25.1
27
135
36
7.0
50
1000
0.25
5.0
27.4
25
125
39
6.5
60
1000
0.25
5.0
29.7
23
115
43
6.0
70
1500
0.25
5.0
32.7
22
110
47
5.5
80
1500
0.25
5.0
35.8
19
95
51
5.0
95
1500
0.25
5.0
38.8
18
90
56
4.5
110
2000
0.25
5.0
42.6
16
80
62
4.0
125
2000
0.25
5.0
47.1
14
70
68
3.7
150
2000
0.25
5.0
51.7
13
65
75
3.3
175
2000
0.25
5.0
56.0
12
60
82
3.0
200
3000
0.25
5.0
62.2
11
55
91
2.8
250
3000
0.25
5.0
69.2
10
50
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
220
1.0
1600
8000
0.25
5.0
167.2
4.0
20
240
0.93
1800
8500
0.25
5.0
182.4
3.8
18.5
250
0.90
2000
9000
0.25
5.0
190
3.6
18
270
0.82
2100
9000
0.25
5.0
205
3.3
16.5
300
0.75
2300
9500
0.25
5.0
228
3.0
15
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ±10%,
altered the fourth number of type from " 0 " for±10% tolerance to be " 5 " for ±5.0% tolerance.
Type
www.sunmate.tw
SZ153D
SZ153G
SZ153J
SZ154D
SZ154H
SZ155B
SZ155G
SZ156C
SZ156I
SZ157F
SZ158C
SZ159B
SZ1510
SZ1511
SZ1512
SZ1513
SZ1515
SZ1516
SZ1518
SZ1520
SZ1522
SZ1524
SZ1527
SZ1530
SZ1533
SZ1536
SZ1539
SZ1543
SZ1547
SZ1551
SZ1556
SZ1562
SZ1568
SZ1575
SZ1582
SZ1591
SZ15B0
SZ15B1
SZ15B2
SZ15B3
SZ15B5
SZ15B6
SZ15B8
SZ15D0
SZ15D2
SZ15D4
SZ15D5
SZ15D7
SZ15E0


Similar Part No. - SZ1513

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ1513 EIC-SZ1513 Datasheet
27Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ1513 EIC-SZ1513 Datasheet
52Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ1513 EIC-SZ1513 Datasheet
50Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Bruckewell Technology L...
SZ1513 BWTECH-SZ1513 Datasheet
305Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
More results

Similar Description - SZ1513

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com