Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6X1220R Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FS6X1220R
Description  Fairchild Power Switch (FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6X1220R Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FS6X1220R Datasheet HTML 4Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 5Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 6Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 7Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 8Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 9Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 10Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 11Page - Fairchild Semiconductor FS6X1220R Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FS6X1220R
8
Functional Description
1.
Startup : To guarantee stable operation of the control IC,
Vcc has under voltage lockout (UVLO) with 6V hysteresis.
Figure 1 shows the relation between the supply current (Icc)
and the supply voltage (Vcc). Before Vcc reaches 15V, the
start-up current is 60
µA, which is usually provided by the
DC link through start-up resistor. When Vcc reaches 15V, the
control IC begins operation and the operating current
increases to 10mA as shown. Once the control IC starts
operation, it continues its normal operation unless Vcc goes
below the stop voltage of 9V.
Figure 1. Relation between supply current and voltage
2. Feedback Control : The FS6X1220R employs current
mode control. The voltage of the feedback pin is compared
with the current sense voltage for pulse width modulation
(PWM). Figure 2 illustrates the simplified PWM block. The
feedback voltage determines the peak drain current of the
SenseFET. Usually opto-coupler along with TL431 are used
to implement feedback network. The collector of the opto-
coupler transistor is connected to feedback pin and the
emitter is connected to the ground pin. When the voltage of
the reference pin of TL431 exceeds the internal reference
voltage of 2.5V, the opto-coupler diode current increases,
pulling down the feedback voltage.
Figure 2. Pulse width modulation (PWM) circuit
3. Protection Circuit : Besides pulse-by-pulse current limit,
the FS6X1220R has 3 self protection functions; over load
protection (OLP), over voltage protection (OVP) and thermal
shutdown (TSD). Because these protection circuits are fully
integrated into the IC without external components, the
reliability can be improved. In the event of these fault
conditions, FS6X1220R enters into auto-restart operation.
Once the fault condition occurs, switching operation is
terminated and MOSFET remains off, which causes Vcc to
be reduced. When Vcc reaches 9V, the protection is reset and
the supply current reduces to 60uA. Then, Vcc begin to
increase with the current provided through the start-up
resistor. When Vcc reaches 15V, FS6X1220R resumes its
normal operation if the fault condition is removed. In this
manner, the auto-restart alternately enables and disables the
switching of the power MOSFET until the fault condition is
eliminated as illustrated in figure 3.
Figure 3. Auto restart operation after protection
3.1 Pulse-by-pulse current limit : As shown in figure 2, the
drain current of the power MOSFET is limited by the
inverting input of PWM comparator (Vfb*). Assuming that
the 0.9mA current source flows only through the internal
resistor (28R +R= 2.9k), the cathode voltage of diode D2 is
about 2.6V. Since D1 is blocked when the feedback voltage
(Vfb) exceeds 2.6V, the maximum voltage of the cathode of
D2 is 2.6V. Therefore, the maximum value of Vfb* is about
0.1V, which limits the peak value of the power MOSFET
drain current.
Icc
Vcc
Vstop=9V
60uA
10mA
Vstart=15V
Vz
4
OSC
Vcc
Vref
5uA
0.9mA
V
SD
R
28R
FB
Gate
driver
OLP
D1
D2
Vfb*
Vfb
431
Cfb
Vo
Fault
situation
9V
15V
Vcc
Vds
Icc
10mA
60uA
t
Fault
occurs
Fault
removed
Normal
operation
Normal
operation
Power
on


Similar Part No. - FS6X1220R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
FS6X1220RD FAIRCHILD-FS6X1220RD Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
FS6X1220RJ FAIRCHILD-FS6X1220RJ Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RJX FAIRCHILD-FS6X1220RJX Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
FS6X1220RTYDTU FAIRCHILD-FS6X1220RTYDTU Datasheet
455Kb / 14P
   Fairchild Power Switch (FPS)
More results

Similar Description - FS6X1220R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com