Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FS6X1220R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FS6X1220R
Description  Fairchild Power Switch (FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FS6X1220R Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FS6X1220R
3
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Notes:
1. Tj=25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L=4.7 mH, starting Tj=25
°C
Parameter
Symbol
Value
Unit
Drain-Gate Voltage (RGS=1MΩ)VDGR
200
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulsed (2)
IDM
32.8
ADC
Single Pulsed Avalanche Energy (3)
EAS
210
mJ
Continuous Drain Current (Tc = 25°C)
ID
8.2
ADC
Continuous Drain Current (TC=100°C)
ID
5.2
ADC
Supply Voltage
VCC
35
V
Input Voltage Range
VFB
-0.3 to Vcc
V
VLS
-0.3 to Vcc
V
Total Power Dissipation
PD(Watt H/S)
45
W
Derating
0.36
W/
°C
Operating Junction Temperature
Tj
+150
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn