Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5Z3V3 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SM5Z3V3
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM5Z3V3 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SM5Z3V3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM5Z3V3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Regulator
Maximum Zener
Maximum Reverse
Maximum
Maximum
Maximum
TYPE
Voltage
Impedance
Leakage Current
Zener Current Surge Current
Voltage
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IZSM
Regulator
(V)
(mA)
(Ω)(Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆VZ
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
Notes :
(1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ) is the difference between the voltage measured at 10% and 50% of I
www.sunmate.tw
SM5Z 3V3
SM5Z 3V6
SM5Z 3V9
SM5Z 4V3
SM5Z 4V7
SM5Z 5V1
SM5Z 5V6
SM5Z 6V2
SM5Z 6V8
SM5Z 6V0
SM5Z 7 V5
SM5Z 8 V2
SM5Z 8 V7
SM5Z 9 V1
SM5Z 10
SM5Z 11
SM5Z 12
SM5Z 13
SM5Z 14
SM5Z 15
SM5Z 16
SM5Z 17
SM5Z 18
SM5Z 19
SM5Z 20
SM5Z 22
SM5Z 24
SM5Z 25
SM5Z 27
SM5Z 28
SM5Z 30
SM5Z 33
SM5Z 36
SM5Z 39
SM5Z 43
SM5Z 47
SM5Z 51
SM5Z 56
SM5Z 60
SM5Z 62
SM5Z 68
SM5Z 7 5
SM5Z 8 2
SM5Z 8 7
SM5Z 9 1
SM5Z 100
SM5Z 110
SM5Z 120
SM5Z 130
SM5Z 150
SM5Z 140
SM5Z 160
SM5Z 17 0
SM5Z 18 0
SM5Z 19 0
SM5Z 200
2 of 2


Similar Part No. - SM5Z3V3

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SM5Z30A YFWDIODE-SM5Z30A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM5Z30A LUGUANG-SM5Z30A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
Anova Technologies CO.,...
SM5Z30A ANOVA-SM5Z30A Datasheet
614Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM5Z30A LUGUANG-SM5Z30A Datasheet
4Mb / 3P
   Automotive Protection Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SM5Z30A UNSEMI-SM5Z30A Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressors 14 To36 V 3600W
Revision March 1,2022
More results

Similar Description - SM5Z3V3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com