Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT-230S-X-TO Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CPT-230S-X-TO
Description  Chip Photo-transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CPT-230S-X-TO Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CPT-230S-X-TO Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CPT-230S-X-TO Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
138
● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
CPT-290 Series
●外形寸法図 Outline drawing
単位 Unit : mm
● 側面方向の受光が可能なチップ型フォトト
ランジスタです。
1. 光学式タッチパネル。
2. その他の位置検出。
1. Optical touch panel
2. Position detecting of other equipment
●電気的光学的特性 Electro-optical characteristics
(Ta 25℃)
Item
Symbol
Conditions
Min
Typ Max
Unit
光電流 Light current
IC
VCE=5V ※1EV=0.1mW/cm2 55
126 197
μA
暗電流 Collector dark current
ICEO
VCE=5V
-
5
100
nA
コレクタ・エミッタ間飽和電圧
Saturated voltage between collector & emitter
VCE (Sat) IC=100μA ※1EV=0.1mW/cm2
-
0.15 0.4
V
ピーク感度波長 Peak sensitive wave length
λp ※2
-
-
940
-
nm
分光感度 Spectral efficiency
λ ※2
-
860∼1090
nm
応答時間
立上がり Rise time
Tr
VCE=5V IC=2mA
-
3.2
-
μSEC
Response Time 立下がり Fall time
Tf
RL=100Ω
-
4.8
-
μSEC
半値角 Spectral width of half value
θ1/2
-
-
±75
-
deg.
※1 EV=950nmlR光による放射照度 EV=Infrared irradiance at 950 nm
※2 Cタイプ標準 Standard for C type
50
60
70
80
90
50
60
70
80
90
40
30
20 10 0
10 20
30
40
指向特性
Directive Characteristics
周波数特性
Frequency response
0
-10
-20
-30
-50
-40
1
3
10
30
100
f (KHz)
RL=100
Ω
RL=510
Ω
Vcc=5V
Ta=25˚C
光源=CL-201IR
Lighting source
of CL-201IR
RL=1K
Ω
T a ( C)
1
5
10
100
1000
100
50
10
RL(K )
tr/rf-RL 特性
tr/tf-RL Characteristics
tr
tf
0.1
1.0
10
10000
1000
100
E (mW/cm2)
Ic-E 特性
Ic-E Characteristics
-25
0
25
50
75
100
175
150
120
100
50
75
IRC-Ta 特性
IRC-Ta Characteristics
VCE=5V
VCE=3V
Ta=25˚C
VCC=5V
VCC
入力
Input
tf
tr
90%
10%
入力パルス
Input pulse
出力パルス
Output pulse
応答速度測定回路
Measuring circuit for response time
LED:CL-201IR
出力
Output
RL
R
Ta=25˚C
R=100
0
100
100
1
10
100
100
10
1
0.1
CL-201IRとの組み合わせ特性
Combined Characteristics with CL-201IR
10mW/Sr
20mW/Sr
Ta=25˚C
:VCE=5V
5V
d
800
900
1000
1100
1200
80
60
40
0
20
100
分光感度特性(Ta=25℃)
※2
Spectral Efficiency Characteristics
波長λ(nm)
Wave length
0
2
4
6
8
10
12
14
700
600
500
400
200
100
0
300
Ic-VCE 特性
Ic-VCE Characteristics
VCE (V)
Ta=25˚C
0.1
0.2
0.3
0.4
0.5mW/cm2
素子中心
Position of die
樹脂
基板
Resin
PCB
(0.55)
1.0
1.1
1.45
エミッタマーク
Emitter mark
極性
Polarity
C
E
はんだ付け電極
Soldering terminal
■ 用途 Applications
2.2(L)×1.45(W)×1.1(H)mm
■ 諸特性 Characteristics
● Chip type photo-transistor that can receive light
from the side.


Similar Part No. - CPT-230S-X-TO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPT-230 ETC-CPT-230 Datasheet
229Kb / 1P
   Surface Mountable Chip Photo-transistor CPT-230 Series
logo
CITIZEN ELECTRONICS CO....
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TD CITIZEN-CPT-230-S-C-TD Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TS CITIZEN-CPT-230-S-C-TS Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TU CITIZEN-CPT-230-S-C-TU Datasheet
420Kb / 1P
   Chip Photo-transistor
More results

Similar Description - CPT-230S-X-TO

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-176 CITIZEN-CPT-176 Datasheet
452Kb / 1P
   Chip Photo-transistor
logo
Microsemi Corporation
MXP1126-C MICROSEMI-MXP1126-C Datasheet
36Kb / 1P
   Photo Transistor Chip
logo
CITIZEN ELECTRONICS CO....
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
   Chip Photo-transistor
CPT-290 CITIZEN-CPT-290 Datasheet
434Kb / 1P
   Chip Photo-transistor
logo
Microsemi Corporation
MXP415-C MICROSEMI-MXP415-C Datasheet
37Kb / 1P
   Photo Transistor Chip
logo
List of Unclassifed Man...
CPT-184 ETC1-CPT-184 Datasheet
230Kb / 1P
   Surface Mountable Chip Photo-transistor
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com