Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT-230S-X-TO Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CPT-230S-X-TO
Description  Chip Photo-transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CPT-230S-X-TO Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CPT-230S-X-TO Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CPT-230S-X-TO Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
136
● ● ● ● ● ● ● ● ● ●
CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7
チップフォトトランジスタ
CPT Series
Chip Photo-transistor
CPT Series
1. 全機種ともSMD(表面実装デバイス)
タイプのチップ型フォトトランジス
タです。
2. チップマウンターによるプリント基
板への自動実装可能。
3. リフローはんだ対応。
4. 全てのCPTシリーズは、鉛フリー対
応製品です。
1. Chip-type SMD Photo-transistor
2. Automatic mounting by chip mounter
available
3. Reflow soldering available
4. All CPT series are lead-free products
●製品コード Product code
CPT - 230 S -
-
〈シリーズ Series
シリーズ Series
230:上・下面実装可能型
230:Top and bottom surface mounting type
290:側面実装型
290:Side mounting type
使用素子 Type of element
S: シングル
Single
樹脂 Type of resin
V: 赤外カット樹脂
Infrared-light-cutting resin
C: 可視光カット樹脂
Visible-light-cutting resin
X:透明
Transparent
納入形態 Packing mode
無記入 Non-code:バルク Bulk packing
TU:上面テーピング
Taping upward
TS:側面テーピング
Taping sideways
TD:下面テーピング
Taping downward
■ 特徴 Features
●絶対最大定格 Absolute Maximum Rating
(Ta 25℃)
Item
Symbol
Rating
Unit
コレクタ・エミッタ間電圧
Voltage between collecter & emitter
VCEO
25
V
エミッタ・コレクタ間電圧
Voltage between emitter & collector
VECO
5V
コレクタ電流 Collector current
IC
20
mA
コレクタ損失 Collector dissipation
PC
75
mW
動作温度範囲 Operating temperature range
TOP
-25∼+80
保存温度範囲 Storage temperature range
TST
-30∼+85


Similar Part No. - CPT-230S-X-TO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPT-230 ETC-CPT-230 Datasheet
229Kb / 1P
   Surface Mountable Chip Photo-transistor CPT-230 Series
logo
CITIZEN ELECTRONICS CO....
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TD CITIZEN-CPT-230-S-C-TD Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TS CITIZEN-CPT-230-S-C-TS Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-230-S-C-TU CITIZEN-CPT-230-S-C-TU Datasheet
420Kb / 1P
   Chip Photo-transistor
More results

Similar Description - CPT-230S-X-TO

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
   Chip Photo-transistor
CPT-176 CITIZEN-CPT-176 Datasheet
452Kb / 1P
   Chip Photo-transistor
logo
Microsemi Corporation
MXP1126-C MICROSEMI-MXP1126-C Datasheet
36Kb / 1P
   Photo Transistor Chip
logo
CITIZEN ELECTRONICS CO....
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
   Chip Photo-transistor
CPT-290 CITIZEN-CPT-290 Datasheet
434Kb / 1P
   Chip Photo-transistor
logo
Microsemi Corporation
MXP415-C MICROSEMI-MXP415-C Datasheet
37Kb / 1P
   Photo Transistor Chip
logo
List of Unclassifed Man...
CPT-184 ETC1-CPT-184 Datasheet
230Kb / 1P
   Surface Mountable Chip Photo-transistor
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com