Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1006B-20VI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1006B-20VI
Description  256K x 4 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1006B-20VI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1006B-20VI Datasheet HTML 2Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 3Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 4Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 5Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 6Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 7Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 8Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 9Page - Cypress Semiconductor CY7C1006B-20VI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY7C106B
CY7C1006B
Document #: 38-05037 Rev. **
Page 6 of 10
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions[10]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE > VCC – 0.3V,
VIN > VCC – 0.3V or
VIN < 0.3V
250
µA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
[4]
Operation Recovery Time
200
µs
Data Retention Waveform
4.5V
4.5V
CE
VCC
tCDR
VDR > 2V
DATA RETENTION MODE
tR
C106B–5
Switching Waveforms
Read Cycle No.1[11, 12]
Read Cycle No. 2 (OE Controlled)[12, 13]
Notes:
10. No input may exceed VCC +0.5V.
11. Device is continuously selected, OE and CE = VIL.
12. WE is HIGH for read cycle.
13. Address valid prior to or coincident with CE transition LOW.
1
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
C106B–6
C106B–7
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
HIGH
ADDRESS
CE
DATA OUT
VCC
SUPPLY
CURRENT
OE


Similar Part No. - CY7C1006B-20VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results

Similar Description - CY7C1006B-20VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30_09 Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com