Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4SB10 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # D4SB10
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

D4SB10 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  D4SB10 Datasheet HTML 1Page - SUNMATE electronic Co., LTD D4SB10 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plastic Package has Underwriters
Laboratory Flammability Classification 94V-0
Single-in-line package
High current capacity with small package
Superior thermal conductivity
High temperature soldering guaranted:
260°C / 10 seconds
High IFSM
PARAMETERS
SYMBOL
UNITS
D4SB
10
D4SB
20
D4SB
40
D4SB
60
D4SB
80
D4SB
100
RM
100
200
400
600
800
1000
V
Maximum DC reverse current at
rated DC blocking voltage
@TA=25°C
IR
10
A
@TA=125°C
500
Average rectified forward
current 60Hz Sine wave
Resistance load
@TC=100°C
IO
6
(1)
A
@TA=25°C
2.8
(2)
Peak Forward Surge Current 10ms single half
sine-wave superimposed on rated load
IFSM
150
A
Maximum Instantaneous
Forward Voltage @ 3.0A
VF
1.1
V
Dielectric strength terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
θJA
22
(2)
°C / W
θJC
3.4
(1)
J , TSTG
150 , -40 ~ 150
°C
Notes:
(1) Unit case mounted on AI plate heat-sink
(2) Unites mounted on P.C.B. without heat-sink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat
transfer with #6 screw {heat-sink size:6.5 * 4.0 * 0.3cm}
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
K
2.50
2.90
B
14.7
15.3
L
7.30
7.70
C
4.58
4.62
N
3 X 45°
D
17.0
18.0
P
0.90
1.10
E
0.50
0.90
Q
1.50 REF.
G
4.50 REF.
R
3.00
3.40
J
3.50
3.90
S
0.8
1.2
F
9.3
9.7
H
3.0
4.0
D3-SB
G
Q
L
L
L
N
R
P
B
J
C
K
E
D
A
S
F
H
Case: D3-SB, Molded Plastic
·
Mechanical Data
Features
CURRENT: 6.0 A
D4SB10 - D4SB100
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
This Series is UL listed under the Recognized
Component index, file number E231047
VOLTAGE RANGE: 100 - 1000V
1 of 2
www.sunmate.tw
Resistance per leg on AI plate heat-sink
R
Maximum thermal on P.C.B without heat-sink
R
Operating and Storage Temperature Range
T
Maximum repetitive voltage
V
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - D4SB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D4SB10 LRC-D4SB10 Datasheet
74Kb / 1P
   Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
logo
SeCoS Halbleitertechnol...
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D4SB10 LRC-D4SB10 Datasheet
235Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4SB100 LRC-D4SB100 Datasheet
74Kb / 1P
   Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
logo
SeCoS Halbleitertechnol...
D4SB100 SECOS-D4SB100 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - D4SB10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com