Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG01C4.7 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part No. BZG01C4.7
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNMATE [SUNMATE electronic Co., LTD]
Homepage  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZG01C4.7 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BZG01C4.7 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZG01C4.7 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS Rating at25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ (1) @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM(2)
(V)
(mA)
(Ω )(Ω )
(mA)
(μA)
(V)
(mA)
3.3
76.0
10
400
1.0
100
1.0
276
1380
3.6
69.0
10
400
1.0
100
1.0
252
1260
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
4.7
53.0
8.0
500
1.0
10
1.0
193
970
5.1
49.0
7.0
550
1.0
10
1.0
178
890
5.6
45.0
5.0
600
1.0
10
2.0
162
810
6.2
41.0
2.0
700
1.0
10
3.0
146
730
6.8
37.0
3.5
700
1.0
10
4.0
133
660
7.5
34.0
4.0
700
0.5
10
5.0
121
605
8.2
31.0
4.5
700
0.5
10
6.0
110
550
9.1
28.0
5.0
700
0.5
10
7.0
100
500
10
25.0
7.0
700
0.25
10
7.6
91
454
11
23.0
8.0
700
0.25
5.0
8.4
83
414
12
21.0
9.0
700
0.25
5.0
9.1
76
380
13
19.0
10
700
0.25
5.0
9.9
69
344
15
17.0
14
700
0.25
5.0
11.4
61
305
16
15.5
16
700
0.25
5.0
12.2
57
285
18
14.0
20
750
0.25
5.0
13.7
50
250
20
12.5
22
750
0.25
5.0
15.2
45
225
22
11.5
23
750
0.25
5.0
16.7
41
205
24
10.5
25
750
0.25
5.0
18.2
38
190
27
9.5
35
750
0.25
5.0
20.6
34
170
30
8.5
40
1000
0.25
5.0
22.8
30
150
33
7.5
45
1000
0.25
5.0
25.1
27
135
36
7.0
50
1000
0.25
5.0
27.4
25
125
39
6.5
60
1000
0.25
5.0
29.7
23
115
43
6.0
70
1500
0.25
5.0
32.7
22
110
47
5.5
80
1500
0.25
5.0
35.8
19
95
51
5.0
95
1500
0.25
5.0
38.8
18
90
56
4.5
110
2000
0.25
5.0
42.6
16
80
62
4.0
125
2000
0.25
5.0
47.1
14
70
68
3.7
150
2000
0.25
5.0
51.7
13
65
75
3.3
175
2000
0.25
5.0
56.0
12
60
82
3.0
200
3000
0.25
5.0
62.2
11
55
91
2.8
250
3000
0.25
5.0
69.2
10
50
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
Notes :
(1) Standard voltage tolerance is± 5%, No Suffix ± 10%
(2) Surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method
(3) " SML " will be omitted in marking on the diode.
Type
www.sunmate.tw
BZG01C3.3
BZG01C3.6
BZG01C3.9
BZG01C4.3
BZG01C4.7
BZG01C5.1
BZG01C5.6
BZG01C6.2
BZG01C6.8
BZG01C7.5
BZG01C8.2
BZG01C9.1
BZG01C10
BZG01C11
BZG01C12
BZG01C13
BZG01C15
BZG01C16
BZG01C18
BZG01C20
BZG01C22
BZG01C24
BZG01C27
BZG01C30
BZG01C33
BZG01C36
BZG01C39
BZG01C43
BZG01C47
BZG01C51
BZG01C56
BZG01C62
BZG01C68
BZG01C75
BZG01C82
BZG01C91
BZG01C100


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn