Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3998 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3998
Description  Dual DMOS Full Bridge Motor Driver With Serial Port Control and Dual Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3998 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3998_16 Datasheet HTML 6Page - Allegro MicroSystems A3998_16 Datasheet HTML 7Page - Allegro MicroSystems A3998_16 Datasheet HTML 8Page - Allegro MicroSystems A3998_16 Datasheet HTML 9Page - Allegro MicroSystems A3998_16 Datasheet HTML 10Page - Allegro MicroSystems A3998_16 Datasheet HTML 11Page - Allegro MicroSystems A3998_16 Datasheet HTML 12Page - Allegro MicroSystems A3998_16 Datasheet HTML 13Page - Allegro MicroSystems A3998_16 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Dual DMOS Full Bridge Motor Driver
With Serial Port Control and Dual Regulators
A3998
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Phase Control
This setting sets the relative states of the full-bridge outputs. This
determines if the device operates in the forward or reverse (rela-
tive) direction:
Serial Port
Configuration Bit
(Word 2)
Phase
D2/D9
State
OUTA
OUTB
0
Reverse
Low
High
1
Forward
High
Low
Enable Logic
The ENB1 and ENB2 input terminals are provided for external
PWM control of the two full bridges. When ENBx is set to logic
high, output on the corresponding full bridge is enabled. When
set to logic low, the bridge output is chopped.
Fast Decay Time
Four bits (word 0/1, D10:D7) are available for each full bridge to
set the Fast Decay portion, tFD, of the fixed off-time when Inter-
nal PWM control, Mixed Decay mode is selected.
The Fast Decay portion is defined by:
tFD = (1 + N) × TOSC × 8 – TOSC
(4)
where N is the word value, from 0 to 15.
For example, given the internal oscillator frequency, fOSC, of
4 MHz (typ) (TOSC = 250 ns), the fixed off-time is adjustable
from 2 to 32 μs in increments of 2 μs. For tFD > tOFF, the device
effectively operates in Fast Decay mode.
PWM Blank Timer
When a source driver turns on, a current spike occurs due to the
reverse recovery currents of the clamp diodes and/or switch-
ing transients related to distributed capacitance in the load. To
prevent this current spike from erroneously resetting the source
enable latch, the sense comparator is blanked.
The programmable blanking function is enabled while the blank
timer runs, which is after the off-time counter expires. When the
Enable (ENBx) signal is chopped, or the Phase setting in the the
Configuration register is changed, a PWM-off cycle is initiated
and the blank timer is reset.
Blank Time
Two bits (word 0/1, D1:D0) are available for each
full bridge to set the current sense comparator blank time when
any output driver is switched on. The settings are according to the
following table (TOSC is the period of the internal oscillator):
Serial Port Configuration Bit
(Word 0/1)
Blank Time
D1
D0
0
0
4 × TOSC
0
1
6 × TOSC
1
0
12 × TOSC
1
1
24 × TOSC
For example, given the internal oscillator frequency, fOSC, of
4 MHz (typ) (TOSC = 250 ns), the blank time is adjustable from
1 to 6 μs.
Synchronous Rectification
When a PWM-off cycle is triggered, either by an Enable chop
command or an Internal PWM control mode Fixed Off-Time
cycle, the load current recirculates according to the decay mode
selected by the Configuration register settings. After a short
crossover delay, the synchronous rectification feature turns-on the
appropriate MOSFET (or pair of MOSFETs, for the Mixed Decay
portion of the off-time) during the current decay and effectively
shorts-out the body diodes with the low RDS(on) driver. This low-
ers power dissipation significantly and can eliminate the require-
ment for external Schottky diodes.
Synchronous rectification can be configured in active mode or
passive mode via the serial port (word 0/1, D11):
• Active mode prevents reversal of load current by turning-off
synchronous rectification when a zero current level is detected.
• Passive mode allows reversal of current, but turns-off synchro-
nous rectification if the load current inversion ramps up to the
ITRIP current limit (see equation 1).
SLEEPN Pin
Active low input signal to reset serial port Configu-
ration register and enter Standby mode. During Standby mode,
the regulators can still operate.


Similar Part No. - A3998_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3998 ALLEGRO-A3998 Datasheet
341Kb / 20P
   Designed to provide the motor driver and power supply requirements for printers and office automation equipment.
More results

Similar Description - A3998_16

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3916 ALLEGRO-A3916 Datasheet
487Kb / 11P
   Dual DMOS Full-Bridge Motor Driver
AMT49702 ALLEGRO-AMT49702 Datasheet
560Kb / 10P
   Dual DMOS Full-Bridge Motor Driver
logo
STMicroelectronics
L6225 STMICROELECTRONICS-L6225 Datasheet
90Kb / 10P
   DUAL DMOS FULL BRIDGE MOTOR DRIVER
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
   Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
   DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3974 ALLEGRO-A3974 Datasheet
470Kb / 12P
   DMOS Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com