Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2343 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2343
Description  DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2343 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2343_15 Datasheet HTML 10Page - Texas Instruments TPS2343_15 Datasheet HTML 11Page - Texas Instruments TPS2343_15 Datasheet HTML 12Page - Texas Instruments TPS2343_15 Datasheet HTML 13Page - Texas Instruments TPS2343_15 Datasheet HTML 14Page - Texas Instruments TPS2343_15 Datasheet HTML 15Page - Texas Instruments TPS2343_15 Datasheet HTML 16Page - Texas Instruments TPS2343_15 Datasheet HTML 17Page - Texas Instruments TPS2343_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
TPS2343
SLUS644B − FEBRUARY 2005 − MAY 2005
14
www.ti.com
APPLICATION INFORMATION
Turn-On Sequence
Main power to the slot turns on when all input supplies are active and power is commanded, by asserting
PWRENx. The charge pump combined with the P12VGx capacitor produces a linear voltage ramp on P12VGx,
which produces a linear ramping of the 12-V output and the −12-V output. At the same time, a current source
on 5VG combined with the 5VG capacitor produces a linear voltage ramp on 5VG and a current source on 3VG
combined with the 3VG capacitor produces a linear voltage ramp on 3VG, which produces a linear ramping of
the 3.3-V and 5-V main outputs.
During this time, if any main slot current exceeds the appropriate over-current threshold for more than the
over-current sensitivity time, the slot latches off and remains off until the logic command is turned off and on
again.
When P12VGx exceeds the 12-V gate good threshold, 5VG exceeds the 5-V good threshold, and 3VG exceeds
the 3-V gate good threshold, outputs should be fully ramped and the power MOSFETs should be fully enhanced.
+12-V Supply Control
The TPS2343 integrates an N-channel power MOSFET for the 12-V supply and a voltage multiplying charge
pump to drive the gate of the power MOSFET to 20 V. Inrush current for the 12-V supply is controlled because
the slew rate of the 12-V supply is limited. The slew rate for the 12-V supply is set by the capacitor from P12VG
to AGND.
Slew rate can be estimated as:
dV
dt
+
I
GATE
C
P12VGx
where CP12VGx is the capacitor from P12VGx to AGND and IGATE is the P12VGx gate charge current.
PCI specifications allow for 12-V supply adapter card bulk capacitance of up to 300
µF. This load capacitance
causes additional inrush current of:
I
INRUSH + CLOAD
dV
dt
+ 300 mF
I
GATE
C
P12VGx
Using the recommended value for CP12VGx = 0.022 µF and the typical value for IGATE = 10 µA, average inrush
current can be estimated as:
I
INRUSH + 300 mF
10
mA
0.022
mF +
0.136 A
An internal current−sense circuit monitors the 12-V supply. The over-current threshold for the 12-V supply is
directly proportional to the resistor from MISET to AGND. Raising the MISET resistor simultaneously raises the
current limit threshold for the 12-V, 5-V, 3.3-V and −12-V supplies. For example, to raise the nominal output
current from the 12-V supply by 20%, increase the MISET resistor 20%. This resistor can be as high as 12 k
if necessary.
Osolete Device


Similar Part No. - TPS2343_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
More results

Similar Description - TPS2343_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2342 TI-TPS2342 Datasheet
847Kb / 53P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2343 TI-TPS2343 Datasheet
670Kb / 39P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT-PLUG POWER CONTROLLER
TPS2342 TI1-TPS2342_15 Datasheet
818Kb / 52P
[Old version datasheet]   DUAL SLOT PCI-X 2.0 HOT PLUG POWER CONTROLLER
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2342 MICREL-MIC2342 Datasheet
1Mb / 32P
   Dual-Slot PCI Express짰 Hot-Plug Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com