Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2140 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2140
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2140 Datasheet HTML 6Page - Texas Instruments TPS2140 Datasheet HTML 7Page - Texas Instruments TPS2140 Datasheet HTML 8Page - Texas Instruments TPS2140 Datasheet HTML 9Page - Texas Instruments TPS2140 Datasheet HTML 10Page - Texas Instruments TPS2140 Datasheet HTML 11Page - Texas Instruments TPS2140 Datasheet HTML 12Page - Texas Instruments TPS2140 Datasheet HTML 13Page - Texas Instruments TPS2140 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
10
www.ti.com
electrical characteristics over recommended operating junction temperature range,
VI(SW_IN) = 3.3 V for TPS2140/50, VI(SW_IN) = 5 V for TPS2141/51, VI(LDO_IN) =5V, all outputs unloaded
(unless otherwise noted) (continued)
logic section (SW_EN, SW_EN, LDO_EN, ADJ, SW_PG, LDO_PG)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II(/SW_EN), source
VI(/SW_EN) = 0 V
1
5
Logic input current
II(SW_EN), sink
VI(SW_EN) = 5 V
1
5
µA
Logic input current
II(LDO_EN)
VI(EN_LDO) = 0 V – 5.5 V
−1
1
µA
VIH_MIN(/SW_EN)
2
Logic input high level
VIH_MIN(SW_EN)
2
V
Logic input high level
VIH_MIN(LDO_EN)
2
V
VIL_MAX(/SW_EN)
0.8
Logic input low level
VIL_MAX(SW_EN)
0.8
V
Logic input low level
VIL_MAX(LDO_EN)
0.8
V
Floating input voltage
VIF(/SW_EN)
SW_EN pin is open
2.5
V
Floating input voltage
VIF(SW_EN)
SW_EN pin is open
0.4
V
LDO feedback input current
II(ADJ)
VI(ADJ) = 0 V – 5.5 V
−1
1
µA
SW_PG sense threshold, VTH_SW
TPS2140, TPS2150
Percentage of VI(SW_IN)
85%
88%
90%
SW_PG sense threshold, VTH_SW
TPS2141, TPS2151
Percentage of VI(SW_IN)
85%
88%
90%
LDO_PG sense threshold, VTH_LDO
A percentage of output voltage set point
VSET, derived from a resistor divider
92%
94%
96%
PG hysteresis (all)
VTH_HYS
2%
2.5%
3.5%
SW_PG rising edge deglitch
td_SWPG_rise
1
2.5
ms
PG falling edge deglitches times (all)
td_PG_fail
50
150
µs
SW_PG minimum output high state
voltage
VOH_MIN(SW_PG)
Source current IO(SW_PG) = 1 mA,
VI(SW_OUT) > VTH_SW
VI(SW_IN)
–0.5
SW_PG maximum output low state
voltage
VOL_MAX(SW_PG)
Sink current IO(SW_PG) = 1 mA,
VI(SW_OUT) < VTH_SW
0.5
V
LDO_PG maximum output low state
voltage
VOH_MIN(LDO_PG)
Sink current IO(SW_PG) = 1 mA,
VI(LDO_OUT) < VTH_LDO
0.5
LDO_PG leakage current
ILK(LDO_PG)
VO(LDO_PG) = 5.5 V
1
µA
‡ Not tested in production.
thermal shutdown characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low thermal shutdown
Over temperature trip point
Switch and/or LDO in current limit
125
137
°C
Low thermal shutdown
(whole device)
Hysteresis
Switch and/or LDO in current limit
10
°C
High thermal shutdown
Over temperature trip point
Switch and LDO are not in current limit
155
170
°C
High thermal shutdown
(whole device)
Hysteresis
Switch and LDO are not in current limit
10
°C
‡ Not tested in production.


Similar Part No. - TPS2140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2140IPWP TI-TPS2140IPWP Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com