Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2151IPWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2151IPWPRG4
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2151IPWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2151IPWPRG4 Datasheet HTML 4Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 5Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 9Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 10Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 11Page - Texas Instruments TPS2151IPWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
8
www.ti.com
electrical characteristics over recommended operating junction temperature range,
VI(SW_IN) = 3.3 V for TPS2140/50, VI(SW_IN) = 5 V for TPS2141/51, VI(LDO_IN) =5V, all outputs unloaded
(unless otherwise noted) (continued)
power switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS2140, TPS2150
TJ = 25°C, I = 500 mA,
VI(SW_EN) = 3.3 V or VI(/SW_EN) = 0 V
40
50
Switch on resistance
TPS2140, TPS2150
TJ = 110°C, I = 500 mA,
VI(SW_EN) = 3.3 V or VI(/SW_EN) = 0 V
65
m
Switch on resistance
(SW_IN to SW_OUT)
TPS2141, TPS2151
TJ = 25°C, I = 500 mA,
VI(SW_EN) = 5 V or VI(/SW_EN) = 0 V
40
50
m
TPS2141, TPS2151
TJ = 110°C, I = 500 mA,
VI(SW_EN) = 5 V or VI(/SW_EN) = 0 V
65
Switch low-current-limit cutoff
threshold, VCOFF(SW_OUT)
Low current limit is disabled when VO(SW_OUT)
is above this %VI(SW_IN) level
91%
93%
96%
Switch low-current-limit
cutin threshold, VCIN(SW_OUT)
Low current limit is enabled VO(SW_OUT) is be-
low this %VI(SW_IN) level
76%
79%
82%
Switch current limit
Low-current-limit mode:
Ramp-up current limit, IRCL
50
75
99
Switch current limit
Low-current-limit mode: Short-
SW_OUT is enabled into a
TJ = 25°C
50
75
99
mA
Low-current-limit mode: Short-
circuit dc current limit, IOS
SW_OUT is enabled into a
short to ground
TJ = 110°C
47
75
99
mA
High-current-limit mode:
TJ = 25°C
900
1300
1800
High-current-limit mode:
Overload dc current limit, IOL
TJ = 110°C
800
1300
1800
Switch forward leak-
age current ILK_SW
Current into pin SW_OUT
VO(SW_OUT) = 0 V, VI(SW_IN) = 5.5 V,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5 V
10
A
Switch reverse leak-
age current IRLK_SW
Current into pin SW_OUT
VO(SW_OUT) = 5.5 V, VI(SW_IN) = 0 V,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5 V
10
µA
Switch pulldown transistor current
VI(SW_PLDN) = 3.3 V
9
15
mA
Switch pulldown transistor current
VI(PLDN_SW) = 1 V
5
mA
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
timing parameters, power switch
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Turnon time
CL = 10 µF, No load
1
toff
Turnoff time
CL = 10 µF, SW_OUT is connected to SW_PLDN, No load
8
ms
tr
Rise time
CL = 10 µF, No load
0.5
ms
tf
Fall time
CL = 10 µF, SW_OUT is connected to SW_PLDN, No load
5
undervoltage lockout, SW_IN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switch UVLO rising threshold
TPS2140, TPS2150
2.7
Switch UVLO rising threshold
TPS2141, TPS2151
4.1
V
Switch UVLO falling threshold
TPS2140, TPS2150
2.3
2.45
V
Switch UVLO falling threshold
TPS2141, TPS2151
3.5
3.9
UVLO hysteresis‡
250
mV
‡ Not tested in production.


Similar Part No. - TPS2151IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2151IPWP TI-TPS2151IPWP Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2151IPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com