Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2150IPWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2150IPWP
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2150IPWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS2150IPWP Datasheet HTML 1Page - Texas Instruments TPS2150IPWP Datasheet HTML 2Page - Texas Instruments TPS2150IPWP Datasheet HTML 3Page - Texas Instruments TPS2150IPWP Datasheet HTML 4Page - Texas Instruments TPS2150IPWP Datasheet HTML 5Page - Texas Instruments TPS2150IPWP Datasheet HTML 6Page - Texas Instruments TPS2150IPWP Datasheet HTML 7Page - Texas Instruments TPS2150IPWP Datasheet HTML 8Page - Texas Instruments TPS2150IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR
USB HIGHPOWER PERIPHERAL POWER MANAGEMENT
1
www.ti.com
FEATURES
D Complete Power Management Solution for
USB High-Power Peripherals
D 250 mA Low-Dropout Regulator (LDO) With
Enable and 325 mA (Typ) Current Limit
D LDO Supports 2.7 V to 5.5 V VIN and 0.9 V to
3.3 V Adjustable VOUT
D 40 mΩ (Typ) High-Side MOSFET With Dual
Current Limit
D Undervoltage Lockout and Power Good for
LDO and Switch
D CMOS- and TTL-Compatible Enable Inputs
D 85 µA (Typ) Supply Current
D 5 µA (Typ) Standby Supply Current
D Available in 14-Pin HTSSOP (PowerPAD)
D −40°C to +85°C Ambient Temperature Range
D Alternative to TPS2148/58 3.3-V LDO With
3.3-V Switch and 5-V Switch
APPLICATIONS
D High-Power USB Peripherals
− ADSL Modems
− Digital Still and PC Cameras
− Zip Drives
− Speakers
D DSP Sequencing
DESCRIPTION
The TPS2140/41/50/51 is a USB 1.0 and 2.0
Specification-compatible IC containing a dual-current-
limiting power switch and an adjustable low dropout
regulator (LDO). Both the switch and LDO limit inrush
current by controlling the turnon slew rate. The unique
dual-current-limiting feature of the switch allows USB
peripherals to utilize high-value capacitance at the
output of the switch, while keeping the inrush current
low. During turnon, the switch limits the current
delivered to the capacitive load to less than 100 mA.
When the output voltage from the switch reaches about
93% of the input voltage, the switch power good output
goes high, and the switch current limit increases to
800mA (minimum), at which point higher current loads
can be turned on. The higher current limit provides short
circuit protection while allowing the peripheral to draw
maximum current from the USB bus.
The switch and LDO function independently, providing
flexibility in DSP applications requiring separate core
and I/O voltages. For example, in a DSP application
operating from a 3.3-V rail, the LDO can supply the DSP
core voltage down to 0.9 V, while the switch powers the
3.3-V (typical) DSP I/O supply. If supply sequencing is
required, the LDO power good output can be used to
enable the switch.
AVAILABLE OPTIONS
TARGET
PACKAGE
PACKAGED DEVICES
TA
DESCRIPTION
TARGET
APPLICATION
PACKAGE
AND PIN
COUNT
ACTIVE LOW
(SWITCH)
ACTIVE HIGH
(SWITCH)
−40
°C to 85°C
Adjustable LDO and 3.3 V switch with dual current
limit
DSP
HTSSOP-14
TPS2140IPWP
TPS2150IPWP
−40
°C to 85°C
Adjustable LDO and 5 V switch with dual current
limit
USB
HTSSOP-14
TPS2141IPWP
TPS2151IPWP
NOTE: All options available taped and reeled. Add an R suffix (e.g., TPS2140IPWPR)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. USB is a trademark of Universal Serial Bus Association.
All other trademarks are the property of their respective owners.


Similar Part No. - TPS2150IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2150IPWP TI-TPS2150IPWP Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
More results

Similar Description - TPS2150IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com