Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2068DGNRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2068DGNRG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2068DGNRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2068DGNRG4 Datasheet HTML 7Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 8Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 9Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 10Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 11Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 12Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 13Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 14Page - Texas Instruments TPS2068DGNRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
0
20
40
60
80
100
120
−50
0
50
100
150
Out1 = 5 V
Out1 = 3.3 V
Out1 = 2.7 V
IO = 0.5 A
TJ − Junction Temperature − 5C
2.1
2.14
2.18
2.22
2.26
2.3
−50
0
50
100
150
UVLO Rising
UVLO Falling
TJ − Junction Temperature − 5C
1.6
1.7
1.8
1.9
2
2.2
2.3
2.4
2.5
2.6
-50
0
50
100
150
2.1
T -JunctionTemperature- C
J
°
V =2.7V
I
V =3.3V
I
V =5V
I
V =5.5V
I
TPS2060, TPS2064
TPS2068, TPS2069
www.ti.com
SLVS553K
– MARCH 2005 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT, OUTPUT DISABLED
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 15.
Figure 16.
SHORT-CIRCUIT OUTPUT CURRENT
UNDERVOLTAGE LOCKOUT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 17.
Figure 18.
Copyright
© 2005–2011, Texas Instruments Incorporated
11


Similar Part No. - TPS2068DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2068DGNRG4 TI-TPS2068DGNRG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2068DGNRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com