Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2111A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2111A
Description  AUTOSWITCHING POWER MUX
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2111A Datasheet(HTML) 1 Page - Texas Instruments

  TPS2111A Datasheet HTML 1Page - Texas Instruments TPS2111A Datasheet HTML 2Page - Texas Instruments TPS2111A Datasheet HTML 3Page - Texas Instruments TPS2111A Datasheet HTML 4Page - Texas Instruments TPS2111A Datasheet HTML 5Page - Texas Instruments TPS2111A Datasheet HTML 6Page - Texas Instruments TPS2111A Datasheet HTML 7Page - Texas Instruments TPS2111A Datasheet HTML 8Page - Texas Instruments TPS2111A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS2110A/TPS2111A
D0
D1
VSNS
ILIM
IN1
OUT
IN2
GND
8
7
6
5
1
2
3
4
R
L
R
ILIM
C
L
C
2
0.1
F
m
C
1
0.1
F
m
EN1
IN2:2.8Vto5.5V
IN1:2.8Vto5.5V
TPS2110A
TPS2111A
www.ti.com
SBVS043A – MARCH 2004 – REVISED MARCH 2010
AUTOSWITCHING POWER MUX
Check for Samples: TPS2110A, TPS2111A
1
FEATURES
APPLICATIONS
PCs
2
Two-Input, One-Output Power Multiplexer with
Low rDS(on) Switches:
PDAs
Digital Cameras
84 m
Ω Typ (TPS2111A)
Modems
120 m
Ω Typ (TPS2110A)
Cell Phones
Reverse and Cross-Conduction Blocking
Digital Radios
Wide Operating Voltage Range: 2.8 V to 5.5 V
MP3 Players
Low Standby Current: 0.5 mA Typ
Low Operating Current: 55 mA Typ
DESCRIPTION
Adjustable Current Limit
The TPS211xA family of power multiplexers enables
Controlled Output Voltage Transition Time:
seamless transition between two power supplies,
Limits Inrush Current
such as a battery and a wall adapter, each operating
Minimizes Output Voltage Hold-Up
at 2.8 V to 5.5 V and delivering up to 1 A. The
Capacitance
TPS211xA
family
includes
extensive
protection
circuitry,
including
user-programmable
current
CMOS- and TTL-Compatible Control Inputs
limiting, thermal protection, inrush current control,
Manual and Auto-Switching Operating Modes
seamless
supply
transition,
cross-conduction
Thermal Shutdown
blocking, and reverse-conduction blocking. These
features greatly simplify designing power multiplexer
Available in a TSSOP-8 Package
applications.
space
space
space
space
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2111A TI-TPS2111A Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2111APW TI-TPS2111APW Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2111APWG4 TI-TPS2111APWG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2111APWR TI-TPS2111APWR Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
TPS2111APWRG4 TI-TPS2111APWRG4 Datasheet
204Kb / 20P
[Old version datasheet]   AUTOSWITHING POWER MUX
More results

Similar Description - TPS2111A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com