Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2102DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2102DBVT
Description  POWER-DISTRIBUTION SWITCHES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2102DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS2102DBVT Datasheet HTML 1Page - Texas Instruments TPS2102DBVT Datasheet HTML 2Page - Texas Instruments TPS2102DBVT Datasheet HTML 3Page - Texas Instruments TPS2102DBVT Datasheet HTML 4Page - Texas Instruments TPS2102DBVT Datasheet HTML 5Page - Texas Instruments TPS2102DBVT Datasheet HTML 6Page - Texas Instruments TPS2102DBVT Datasheet HTML 7Page - Texas Instruments TPS2102DBVT Datasheet HTML 8Page - Texas Instruments TPS2102DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NO.
DESCRIPTION
NAME
TPS2102
TPS2103
I/O
DESCRIPTION
DBV
D
DBV
D
EN
1
3
I
Active-high enable for IN1-OUT switch
EN
1
3
I
Active-low enable for IN1-OUT switch
GND
2
2
2
2
I
Ground
IN1†
5
5
5
5
I
Main Input voltage, NMOS drain (250 m
Ω), require 0.22 µF bypass
IN2†
3
1
3
1
I
Auxilliary input voltage, PMOS drain (1.3
), require 0.22 µF bypass
OUT
4
7, 8
4
7, 8
O
Power switch output
NC
4, 6
4, 6
No connection
† Unused INx should not be grounded.
detailed description
power switches
n-channel MOSFET
The IN1-OUT n-channel MOSFET power switch has a typical on-resistance of 250 m
Ω at 3.3-V input voltage,
and is configured as a high-side switch.
p-channel MOSFET
The IN2-OUT p-channel MOSFET power switch has a typical on-resistance of 1.3
Ω at 3.3-V input voltage and
is configured as a high-side switch. When operating, the p-channel MOSFET quiescent current is reduced to
typically 0.75
µA.
charge pump
An internal charge pump supplies power to the driver circuit and provides the necessary voltage to pull the gate
of the MOSFET above the source. The charge pump operates from input voltages as low as 2.7 V and requires
very little supply current.
driver
The driver controls the gate voltage of the IN1-OUT and IN2-OUT power switches. To limit large current surges
and reduce the associated electromagnetic interference (EMI) produced, the drivers incorporate circuitry that
controls the rise times and fall times of the output voltage.
enable
The logic enable will turn on the IN2-OUT power switch when a logic high is present on EN (TPS2102) or logic
low is present on EN (TPS2103). A logic low input on EN (TPS2102) or logic high on EN (TPS2103) restores
bias to the drive and control circuits and turns on the IN1-OUT power switch. The enable input is compatible
with both TTL and CMOS logic levels.
the VAUX application for CardBus controllers
The PC Card specification requires the support of VAUX to the CardBus controller as well as to the PC Card
sockets. Both are 3.3-V requirements; however the CardBus controller’s current demand from the VAUX supply
is limited to 10
µA, whereas the PC Card may consume as much as 200 mA. In either implementation, if support
of a wake-up event is required, the controller and the socket will transition from the 3.3-V VCC rail to the 3.3-V
VAUX rail when the equipment moves into a low power mode such as D3. The transition from VCC to VAUX needs
to be seamless in order to maintain all memory and register information in the system. If VAUX is not supported,
the system will lose all register information when it transitions to the D3 state.


Similar Part No. - TPS2102DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2102DBV TI-TPS2102DBV Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2102DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com