Electronic Components Datasheet Search |
|
ISO7841DWWR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
ISO7841DWWR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 37 page GND1 GND2 9 8 EN1 EN2 10 7 OUTD IND 11 6 INC OUTC 12 5 INB OUTB 13 4 INA OUTA 14 3 GND1 GND2 15 2 VCC1 VCC2 16 1 5 ISO7841, ISO7841F www.ti.com SLLSEM3F – NOVEMBER 2014 – REVISED APRIL 2016 Product Folder Links: ISO7841 ISO7841F Submit Documentation Feedback Copyright © 2014–2016, Texas Instruments Incorporated 5 Pin Configuration and Functions DW and DWW Packages 16-Pin SOIC Top View Pin Functions PIN I/O DESCRIPTION NAME NO. EN1 7 I Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and in high- impedance state when EN1 is low. EN2 10 I Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and in high- impedance state when EN2 is low. GND1 2 — Ground connection for VCC1 8 GND2 9 — Ground connection for VCC2 15 INA 3 I Input, channel A INB 4 I Input, channel B INC 5 I Input, channel C IND 11 I Input, channel D OUTA 14 O Output, channel A OUTB 13 O Output, channel B OUTC 12 O Output, channel C OUTD 6 O Output, channel D VCC1 1 — Power supply, VCC1 VCC2 16 — Power supply, VCC2 |
Similar Part No. - ISO7841DWWR |
|
Similar Description - ISO7841DWWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |