Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2060DRBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2060DRBT
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2060DRBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS2060DRBT Datasheet HTML 1Page - Texas Instruments TPS2060DRBT Datasheet HTML 2Page - Texas Instruments TPS2060DRBT Datasheet HTML 3Page - Texas Instruments TPS2060DRBT Datasheet HTML 4Page - Texas Instruments TPS2060DRBT Datasheet HTML 5Page - Texas Instruments TPS2060DRBT Datasheet HTML 6Page - Texas Instruments TPS2060DRBT Datasheet HTML 7Page - Texas Instruments TPS2060DRBT Datasheet HTML 8Page - Texas Instruments TPS2060DRBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS2060, TPS2064
TPS2068, TPS2069
www.ti.com
SLVS553K
– MARCH 2005 – REVISED MAY 2011
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
VI
Input voltage, VI(ENx), VI(/ENx)
0
5.5
V
IO
Continuous output current, IO(OUTx)
0
1.5
A
TPS2060/64
0
105
TJ
Operating virtual junction temperature
TPS2068/69 (DGN Package)
–40
105
°C
TPS2068 (D Package)
0
105
(1)
The PowerPad must be connected externally to GND pin to meet qualifying conditions for CB Certificate (DGN package only).
ELECTRICAL CHARACTERISTICS
0
°C ≤ TJ ≤ 105°C for the TPS2060/64 and TPS2068 (D package), plus –40°C ≤ TJ ≤ 105° for the
TPS2068/69 (DGN package), VI(IN) = 5.5 V, IO = 1 A, VI(/ENx) = 0 V, or VI(ENx) = 5.5 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
Static drain-source on-state resistance,
5-V operation and
VI(IN) = 5 V or 3.3 V, IO = 1.5 A
70
115
m
3.3-V operation
rDS(on)
Static drain-source on-state resistance,
VI(IN) = 2.7 V, IO = 1.5 A
75
125
m
2.7-V operation
VI(IN) = 5.5 V
0.6
1.5
tr
Rise time, output
VI(IN) = 2.7 V
0.4
1
CL = 1 μF,
TJ = 25°C
ms
RL = 5 Ω
VI(IN) = 5.5 V
0.05
0.5
tf
Fall time, output
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT EN OR EN
VIH
High-level input voltage
2.7 V
< VI(IN) < 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
< VI(IN) < 5.5 V
0.8
II
Input current
VI(/ENx) = 0 V or 5.5 V, VI(ENx) = 0 V or 5.5 V
-0.5
0.5
μA
ton
Turnon time
CL = 100 μF, RL = 5 Ω
3
ms
toff
Turnoff time
CL = 100 μF, RL = 5 Ω
10
CURRENT LIMIT
VI(IN) = 5 V, OUT connected to GND, device enabled into
IOS
Short-circuit output current
1.6
2.1
2.6
A
short-circuit
TPS2060/64
3.2
3.9
VI(IN) = 5 V, Current ramp
IOC_TRIP
Overcurrent trip threshold
A
(
≤ 100 A/s) on OUT
TPS2068/69
2.3
2.85
3.4
VI(IN) = 5 V, OUT1 and OUT2 connected to GND, Device enabled
IOS
(2)
Short-circuit output current
3.2
4.2
5.2
A
into short-circuit, current measured at VI(IN)
Overcurrent trip threshold
VI(IN) = 5 V, Current ramp (≤ 100 A/s) on OUT1 and OUT2 tied
6.4
7.8
A
IOC_TRIP
(2)
TPS2060/64
together, current measured at VI(IN)
TJ = 25°C
0.5
1
No load on OUT, VI(/ENx) = 5.5 V,
IOL
Supply current, low-level output
μA
or VI(ENx) = 0 V
Over TJ range
0.5
5
TJ = 25°C
50
70
Supply current, high-level output
No load on OUT, VI(/ENx) = 0 V,
IOH
μA
TPS2060/64
or VI(ENx) = 5.5 V
Over TJ range
50
90
TJ = 25°C
43
60
Supply current, high-level output
No load on OUT, VI(/ENx) = 0 V,
IOH
μA
TPS2068/69
or VI(ENx) = 5.5 V
Over TJ range
43
70
OUT connected to ground, VI(/ENx) = 5.5 V,
Ilkg
Leakage current
1
μA
or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
TJ = 25°C
0.2
μA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN
2
2.5
V
Hysteresis, IN
TJ = 25°C
75
mV
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
This configuration has not been tested for UL certification.
Copyright
© 2005–2011, Texas Instruments Incorporated
3


Similar Part No. - TPS2060DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2060DGN TI-TPS2060DGN Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060DGN TI-TPS2060DGN Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060DGNG4 TI-TPS2060DGNG4 Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060DGNG4 TI-TPS2060DGNG4 Datasheet
800Kb / 30P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060DGNR TI-TPS2060DGNR Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2060DRBT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com