Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690ID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690ID
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2690ID Datasheet(HTML) 4 Page - Texas Instruments

  OPA2690ID Datasheet HTML 1Page - Texas Instruments OPA2690ID Datasheet HTML 2Page - Texas Instruments OPA2690ID Datasheet HTML 3Page - Texas Instruments OPA2690ID Datasheet HTML 4Page - Texas Instruments OPA2690ID Datasheet HTML 5Page - Texas Instruments OPA2690ID Datasheet HTML 6Page - Texas Instruments OPA2690ID Datasheet HTML 7Page - Texas Instruments OPA2690ID Datasheet HTML 8Page - Texas Instruments OPA2690ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
OPA2690
SBOS238G – JUNE 2002 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V (continued)
Boldface limits are tested at +25°C.
At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 36 for ac performance only), unless otherwise noted.
OPA2690ID, I-14D
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNIT
MAX
LEVELS
(1)
OUTPUT
Voltage Output Swing
No Load
±4.0
±3.8
±3.7
±3.6
V
min
A
100
Ω Load
±3.9
±3.7
±3.6
±3.3
V
min
A
Current Output, Sourcing
VO = 0V
+190
+160
+140
+100
mA
min
A
Current Output, Sinking
VO = 0V
–190
–160
–140
–100
mA
min
A
Short-Circuit Current
VO = 0V
±250
mA
typ
C
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.04
typ
C
DISABLE (SO-14 Only)
Disabled LOW
Power-Down Supply Current (+VS)
VDIS = 0V, Both Channels
–200
–400
–480
–520
mA
max
A
Disable Time
VIN = 1VDC
200
ns
typ
C
Enable Time
VIN = 1VDC
25
ns
typ
C
Off Isolation
G = +2, RL = 150Ω, VIN = 0V
70
dB
typ
C
Output Capacitance in Disable
G = +2, RL = 150Ω, VIN = 0V
4
pF
typ
C
Turn-On Glitch
±50
mV
typ
C
Turn-Off Glitch
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input BIas Current (VDIS)
VDIS = 0V, Each Channel
75
130
150
160
mA
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6.0
±6.0
±6.0
V
max
A
Maximum Quiescent Current (2 Channels)
VS = ±5V
11
11.6
12.4
13.2
mA
max
A
Minimum Quiescent Current (2 Channels)
VS = ±5V
11
10.6
9.2
8.6
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
Input-Referred
75
68
66
64
dB
min
A
THERMAL CHARACTERISTICS
Specified Operating Range: D
–40 to +85
°C
typ
C
Thermal Resistance, qJA
Junction-to-Ambient
xx x D xxx SO-8
125
°C/W
typ
C
xx x D xxx SO-14
100
°C/W
typ
C
4
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA2690


Similar Part No. - OPA2690ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2690ID BURR-BROWN-OPA2690ID Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2690IDBV BURR-BROWN-OPA2690IDBV Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2690IDR BURR-BROWN-OPA2690IDR Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results

Similar Description - OPA2690ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com