Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS2074 Datasheet(PDF) 7 Page - Texas Instruments

Part No. TPS2074
Description  FOUR-PORT USB HUB POWER CONTROLLERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2074 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2074_08 Datasheet HTML 3Page - Texas Instruments TPS2074_08 Datasheet HTML 4Page - Texas Instruments TPS2074_08 Datasheet HTML 5Page - Texas Instruments TPS2074_08 Datasheet HTML 6Page - Texas Instruments TPS2074_08 Datasheet HTML 7Page - Texas Instruments TPS2074_08 Datasheet HTML 8Page - Texas Instruments TPS2074_08 Datasheet HTML 9Page - Texas Instruments TPS2074_08 Datasheet HTML 10Page - Texas Instruments TPS2074_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPS2074, TPS2075
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS288A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, ENx = 0 V, BP_DIS = 0 V (unless otherwise noted)
(continued)
output signals (BPMODE or BPMODE, OCx, DPO_RST)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
4.5 V
≤ VI(SP) ≤ 5.5 V
2.4
VOH
High level output voltage
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(SP) < 4 V
IO =2mA
2.4
V
VOH
High-level output voltage
OCx
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(ENx) = 3.3 V or Hi-Z
IO = 2 mA
2.4
V
DPO_RST
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(PG_DLY) = 3.3 V
2.4
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
VI(SP) < 4 V
IO =3 2mA
0.4
VOL
Low-level output voltage
BPMODE
4.25 V
≤ VI(BP) ≤ 5.5 V,
4.5 V
≤ VI(SP) ≤ 5.5 V
IO = 3.2 mA
0.4
V
OCx
4.25 V
≤ VI(BP) ≤ 5.5 V,
OUTx = 0 V
IO(OC) = 3.2 mA
0.4
Minimum input voltage at BP for
IO = 300 µA,
VO(BPMODE)≤ 0.4 V
1.5
VI(BP)
Minimum input voltage at BP for
low-level output
IO = 300 µA, VI(SP) = 5 V
VO(BPMODE)≤ 0.4 V,
1.5
V
Ilkg
Hi-Z leakage current at DP0_RST
0 V
≤ VI(DPO_RST) ≤ 3.3 V, VI(SP) = 0 V,
VI(BP) = 5.5 V, VI(PG_DLY) = 0.9 V
–5
5
µA
td
Overcurrent response delay time
(see Note 1)
1
10
ms
NOTE 1: Specified by design, not tested in production.
undervoltage lockout (SP and BP)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start threshold
SP
4.5
V
Start threshold
BP
VI(SP) = Hi-Z
4.25
V
Stop threshold
SP
4
V
Stop threshold
BP
3.75
V
Vh
Hysteresis voltage (see Note 1)
SP
300
mV
Vhys
Hysteresis voltage (see Note 1)
BP
300
mV
NOTE 1: Specified by design, not tested in production.


Similar Part No. - TPS2074_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS2074DB TI-TPS2074DB Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DB TI-TPS2074DB Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074DBR TI-TPS2074DBR Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
More results

Similar Description - TPS2074_08

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2074 TI-TPS2074 Datasheet
416Kb / 25P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TPS2070 TI-TPS2070 Datasheet
472Kb / 29P
[Old version datasheet]   FOUR-PORT USB HUB POWER CONTROLLERS
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz