Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2062-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2062-Q1
Description  TPS206x-Q1 Current-Limited Power-Distribution Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2062-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS2062-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Thermal
Pad
1
GND
8
OUT
2
IN
7
OUT
3
IN
6
OUT
4
EN
5
OC
4
TPS2062-Q1, TPS2065-Q1
SLVSA01C – MAY 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS2062-Q1 TPS2065-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
TPS2065-Q1 DGN Package
8-Pin HVSSOP
Top View
Pin Functions: TPS2065-Q1
PINS
TYPE
DESCRIPTION
NAME
NO.
EN
4
I
Enable input, logic high (active high) turns on power switch IN-OUT
GND
1
GND
Ground
IN
2, 3
PWR
Supply Input voltage
OC
5
O
Overcurrent, open-drain output, active low, IN-OUT
OUT
6, 7, 8
O
Power-switch output, IN-OUT
Thermal
Pad
GND
Internally connected to GND; used to heat-sink the part to the circuit board ground plane, also called
PowerPAD™ or exposed thermal pad. Must be connected to GND pin.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1)
MIN
MAX
UNIT
Input voltage, VI(IN)
(2)
–0.3
6
V
Output voltage(2), VO(OUTx)
–0.3
6
V
Input voltage, VI(ENx)
–0.3
6
V
Voltage, VI(OCx)
–0.3
6
V
Continuous output current, IO(OUTx)
Internally limited
Continuous total power dissipation
See Dissipation
Ratings
Operating virtual junction temperature range, TJ
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
Machine model (MM)
±100


Similar Part No. - TPS2062-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062-Q1 TI1-TPS2062-Q1 Datasheet
906Kb / 26P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2062-Q1_16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com