Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3690 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3690 Datasheet(HTML) 3 Page - Texas Instruments

  OPA3690 Datasheet HTML 1Page - Texas Instruments OPA3690 Datasheet HTML 2Page - Texas Instruments OPA3690 Datasheet HTML 3Page - Texas Instruments OPA3690 Datasheet HTML 4Page - Texas Instruments OPA3690 Datasheet HTML 5Page - Texas Instruments OPA3690 Datasheet HTML 6Page - Texas Instruments OPA3690 Datasheet HTML 7Page - Texas Instruments OPA3690 Datasheet HTML 8Page - Texas Instruments OPA3690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
OPA2690
www.ti.com
SBOS238G – JUNE 2002 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25°C.
At RF = 402Ω, RL = 100Ω, and G = +2 (see Figure 36 for ac performance only), unless otherwise noted.
OPA2690ID, I-14D
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C
(2)
+70°C
(3)
+85°C
(3)
UNIT
MAX
LEVELS
(1)
AC PERFORMANCE (see Figure 36)
Small-Signal Bandwidth
G = +1, VO = 0.5VPP, RF = 25Ω
500
MHz
typ
C
G = +2, VO = 0.5VPP
220
165
160
150
MHz
min
B
G = +10, VO = 0.5VPP
30
20
19
18
MHz
min
B
Gain Bandwidth Product
G
≥ 10
300
200
190
180
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5VPP
30
MHz
typ
C
Peaking at a Gain of +1
VO < 0.5VPP
4
dB
typ
C
Large-Signal Bandwidth
G = +2, VO < 5VPP
200
MHz
typ
C
Slew Rate
G = +2, 4V Step
1800
1400
1200
900
V/ms
min
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
1.4
ns
typ
C
G = +2, VO = 5V Step
2.8
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 5V Step
12
ns
typ
C
Settling Time to 0.1%
G = +2, VO = 5V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
xx x 2nd-Harmonic
RL = 100Ω
–68
–64
–62
–60
dBc
max
B
RL ≥ 500Ω
–77
–70
–68
–66
dBc
max
B
xx x 3rd-Harmonic
RL = 100Ω
–70
–68
–66
–64
dBc
max
B
RL ≥ 500Ω
–81
–78
–76
–75
dBc
max
B
Input Voltage Noise
f > 1MHz
5.5
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
3.1
pA/
√Hz
typ
C
Differential Gain
G = +2, NTSC, VO = 1.4VP, RL = 150Ω
0.06
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4VP, RL = 150Ω
0.03
deg
typ
C
Channel-to-Channel Crosstalk
f = 5MHz, Input-Referred
–85
dBc
typ
C
DC PERFORMANCE
(4)
Open-Loop Voltage Gain (AOL)
VO = 0V, RL = 100Ω
69
58
56
54
dB
min
A
Input Offset Voltage
VCM = 0V
±1.0
±4.5
±5.0
±5.2
mV
max
A
xxx Average Offset Voltage Drift
VCM = 0V
±12
±12
mV/°C
max
B
Input Bias Current
VCM = 0V
+5
±11
±12
±13
mA
max
A
xxx Average Bias Current Drift (magnitude)
VCM = 0V
±20
±40
nA/°C
max
B
Input Offset Current
VCM = 0V
±0.1
±1.0
±1.4
±1.6
mA
max
A
xxx Average Offset Current Drift
VCM = 0V
±1.0
±1.5
nA/°C
max
B
INPUT
Common-Mode Input Range (CMIR)
(5)
±3.5
±3.4
±3.3
±3.2
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = ±1V
65
60
57
56
dB
min
A
Input Impedance
xxx Differential Mode
VCM = 0V
190 || 0.6
k
Ω || pF
typ
C
xxx Common-Mode
VCM = 0V
3.2 || 0.9
M
Ω || pF
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +15°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2002–2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA2690


Similar Part No. - OPA3690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3690 TI-OPA3690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3690 TI-OPA3690 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA3690 TI-OPA3690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3690 TI1-OPA3690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3690 TI-OPA3690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com