Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3680 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA3680
Description  Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3680 Datasheet(HTML) 1 Page - Texas Instruments

  OPA3680 Datasheet HTML 1Page - Texas Instruments OPA3680 Datasheet HTML 2Page - Texas Instruments OPA3680 Datasheet HTML 3Page - Texas Instruments OPA3680 Datasheet HTML 4Page - Texas Instruments OPA3680 Datasheet HTML 5Page - Texas Instruments OPA3680 Datasheet HTML 6Page - Texas Instruments OPA3680 Datasheet HTML 7Page - Texas Instruments OPA3680 Datasheet HTML 8Page - Texas Instruments OPA3680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Dual Wideband, Current Feedback
OPERATIONAL AMPLIFIER With Disable
DESCRIPTION
The OPA2681 sets a new level of performance for broadband dual
current feedback op amps. Operating on a very low 6mA/ch
supply current, the OPA2681 offers a slew rate and output power
normally associated with a much higher supply current. A new
output stage architecture delivers a high output current with
minimal voltage headroom and crossover distortion. This gives
exceptional single supply operation. Using a single +5V supply,
the OPA2681 can deliver a 1V to 4V output swing with over
100mA drive current and 150MHz bandwidth. This combination
of features makes the OPA2681 an ideal RGB line driver or single
supply ADC input driver.
OPA2681
FEATURES
q WIDEBAND +5V OPERATION: 225MHz (G = +2)
q UNITY GAIN STABLE: 280MHz (G = 1)
q HIGH OUTPUT CURRENT: 150mA
q OUTPUT VOLTAGE SWING:
±4.0V
q HIGH SLEW RATE: 2100V/
µs
q LOW SUPPLY CURRENT: 6mA/ch
q LOW DISABLED CURRENT: 200
µA/ch
q ENABLE/DISABLE TIME: 25ns/100ns
APPLICATIONS
q xDSL LINE DRIVER
q MATCHED I/Q CHANNEL AMPLIFIER
q BROADBAND VIDEO BUFFERS
q HIGH SPEED IMAGING CHANNELS
q PORTABLE INSTRUMENTS
q DIFFERENTIAL ADC DRIVERS
q ACTIVE FILTERS
q WIDEBAND INVERTING SUMMING
The OPA2681’s low 6mA/ch supply current is precisely trimmed
at 25
°C. This trim, along with low drift over temperature, guaran-
tees lower guaranteed maximum supply current than competing
products. System power may be further reduced by using the
optional disable control pin (SO-14 only). Leaving this disable
pin open, or holding it high, gives normal operation. If pulled low,
the OPA2681 supply current drops to less than 400
µA while the
output goes into a high impedance state. This feature may be used
for either power savings or for video MUX applications.
Copyright © 1997, Texas Instruments Incorporated
SBOS091A
Printed in U.S.A. January, 2001
Single Supply ADSL Upstream Driver
100
2k
2k
1
µF
12.4
100
2Vp-p
324
324
1/2
OPA2681
1/2
OPA2681
+12V
1:2
15Vp-p
12.4
+6.5V
OPA2681 RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
Voltage Feedback
OPA680
OPA2680
OPA3680
Current Feedback
OPA681
OPA2681
OPA3681
Fixed Gain
OPA682
OPA2682
OPA3682
OPA2681
OPA2681
TM
www.ti.com


Similar Part No. - OPA3680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3680 TI1-OPA3680 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3680

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2691 TI1-OPA2691 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com