Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2691 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2691
Description  Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2691 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2691 Datasheet HTML 7Page - Texas Instruments OPA2691 Datasheet HTML 8Page - Texas Instruments OPA2691 Datasheet HTML 9Page - Texas Instruments OPA2691 Datasheet HTML 10Page - Texas Instruments OPA2691 Datasheet HTML 11Page - Texas Instruments OPA2691 Datasheet HTML 12Page - Texas Instruments OPA2691 Datasheet HTML 13Page - Texas Instruments OPA2691 Datasheet HTML 14Page - Texas Instruments OPA2691 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
OPA2691
11
SBOS224D
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND CURRENT-FEEDBACK OPERATION
The OPA2691 gives the exceptional AC performance of a
wideband current-feedback op amp with a highly linear, high-
power output stage. Requiring only 5.1mA/ch quiescent cur-
rent, the OPA2691 will swing to within 1V of either supply rail
and deliver in excess of 160mA tested at room temperature.
This low output headroom requirement, along with supply
voltage independent biasing, gives remarkable single (+5V)
supply operation. The OPA2691 will deliver greater than 200MHz
bandwidth driving a 2Vp-p output into 100
Ω on a single +5V
supply. Previous boosted output stage amplifiers have typically
suffered from very poor crossover distortion as the output
current goes through zero. The OPA2691 achieves a compa-
rable power gain with much better linearity. The primary
advantage of a current-feedback op amp over a voltage-
feedback op amp is that AC performance (bandwidth and
distortion) is relatively independent of signal gain. For similar
AC performance with improved DC accuracy, consider the high
slew rate, unity-gain stable, voltage-feedback OPA2690.
Figure 1 shows the DC-coupled, gain of +2, dual power-
supply circuit configuration used as the basis of the
±5V
Electrical Characteristics and Typical Characteristics. For
test purposes, the input impedance is set to 50
Ω with a
resistor to ground and the output impedance is set to 50
with a series output resistor. Voltage swings reported in the
electrical characteristics are taken directly at the input and
output pins while load powers (dBm) are defined at a matched
50
Ω load. For the circuit of Figure 1, the total effective load
will be 100
Ω || 804Ω = 89Ω. The disable control line (DIS) is
typically left open (SO-14 only) to ensure normal amplifier
operation. One optional component is included in Figure 1. In
addition to the usual power-supply decoupling capacitors to
ground, a 0.01
µF capacitor is included between the two
power-supply pins. In practical printed circuit board (PCB)
layouts, this optional added capacitor will typically improve
the 2nd-harmonic distortion performance by 3dB to 6dB.
Figure 2 shows the AC-coupled, gain of +2, single-supply
circuit configuration used as the basis of the +5V Electrical
Characteristics and Typical Characteristics. Though not a
rail-to-rail design, the OPA2691 requires minimal input and
output voltage headroom compared to other very wideband
current-feedback op amps. It will deliver a 3Vp-p output
swing on a single +5V supply with greater than 150MHz
bandwidth. The key requirement of broadband single-supply
operation is to maintain input and output signal swings within
the usable voltage ranges at both the input and the output.
The circuit of Figure 2 establishes an input midpoint bias
using a simple resistive divider from the +5V supply (two
806
Ω resistors). The input signal is then AC-coupled into this
midpoint voltage bias. The input voltage can swing to within
1.5V of either supply pin, giving a 2Vp-p input signal range
centered between the supply pins. The input impedance
matching resistor (57.6
Ω) used for testing is adjusted to give
a 50
Ω input match when the parallel combination of the
biasing divider network is included. The gain resistor (RG) is
AC-coupled, giving the circuit a DC gain of +1—which puts
the input DC bias voltage (2.5V) on the output as well. The
feedback resistor value has been adjusted from the bipolar
supply condition to re-optimize for a flat frequency response
in +5V operation, gain of +2, operation (see the Setting
Resistor Values to Optimize Bandwidth section). Again, on a
single +5V supply, the output voltage can swing to within 1V
of either supply pin while delivering more than 75mA output
current. A demanding 100
Ω load to a midpoint bias is used
in this characterization circuit. The new output stage used in
the OPA2691 can deliver large bipolar output currents into
this midpoint load with minimal crossover distortion, as shown
by the +5V supply, 3rd-harmonic distortion plots.
FIGURE 1. DC-Coupled, G = +2, Bipolar Supply, Specifica-
tion and Test Circuit.
FIGURE 2. AC-Coupled, G = +2, Single-Supply Specification
and Test Circuit.
1/2
OPA2691
+5V
+
DIS
–5V
50
Ω Load
50
50
V
O
V
I
50
Ω Source
R
G
402
R
F
402
+
6.8
µF
0.1
µF
6.8
µF
0.1
µF
0.01
µF
+V
S
–V
S
1/2
OPA2691
+5V
+V
S
DIS
V
S/2
806
100
V
O
V
I
57.6
806
R
F
453
R
G
453
0.1
µF
0.1
µF
6.8
µF
+
0.1
µF


Similar Part No. - OPA2691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2691 TI-OPA2691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2691 TI-OPA2691 Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA2691 TI-OPA2691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2691 TI1-OPA2691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2691 TI-OPA2691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com