Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2690 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2690
Description  Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2690 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA2690 Datasheet HTML 21Page - Texas Instruments OPA2690 Datasheet HTML 22Page - Texas Instruments OPA2690 Datasheet HTML 23Page - Texas Instruments OPA2690 Datasheet HTML 24Page - Texas Instruments OPA2690 Datasheet HTML 25Page - Texas Instruments OPA2690 Datasheet HTML 26Page - Texas Instruments OPA2690 Datasheet HTML 27Page - Texas Instruments OPA2690 Datasheet HTML 28Page - Texas Instruments OPA2690 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
E =
O
E
NI
2 +(I R ) +4kTR
BN
S
S
2
NG +(I R ) +4kTR NG
2
2
BI
F
F
E =
N
I R
BI
F
NG
E
+(I
R ) +4kTR +
NI
BN
S
S
2
2
+
4kTR
F
NG
2
R
F
1kW
±200mVOutputAdjustment
=
= 2
-
-
Power-supply
decouplingnotshown.
5kW
5kW
328W
0.1 F
m
R
G
500W
V
I
20kW
10kW
0.1 F
m
-5V
+5V
1/2
OPA2690
+5V
-5V
V
O
V
O
VI
R
F
R
G
OPA2690
www.ti.com
SBOS238G – JUNE 2002 – REVISED MARCH 2010
The total output spot noise voltage can be computed
±(NG × VOS(MAX)) ± (RF × IOS(MAX))
as the square root of the sum of all squared output
= ±(2 × 4.5mV) ± (402
Ω × 1mA)
noise voltage contributors. Equation 7 shows the
= ±9.4mV – (NG = noninverting signal gain)
general form for the output noise voltage using the
A fine-scale output offset null, or dc operating point
terms shown in Figure 50.
adjustment, is often required. Numerous techniques
are available for introducing dc offset control into an
op amp circuit. Most of these techniques eventually
(7)
reduce to adding a dc current through the feedback
Dividing this expression by the noise gain [NG = (1 +
resistor. In selecting an offset trim method, one key
RF/RG)] will give the equivalent input-referred spot
consideration is the impact on the desired signal path
noise voltage at the noninverting input, as shown in
frequency response. If the signal path is intended to
Equation 8.
be noninverting, the offset control is best applied as
an inverting summing signal to avoid interaction with
the signal source. If the signal path is intended to be
inverting,
applying
the
offset
control
to
the
(8)
noninverting input may be considered. However, the
dc offset voltage on the summing junction will set up
Evaluating these two equations for the OPA2690
a dc current back into the source that must be
circuit and component values (see Figure 36) gives a
considered. Applying an offset adjustment to the
total output spot noise voltage of 12.3nV/
√Hz and a
inverting op amp input can change the noise gain and
total equivalent input spot noise voltage of 6.1nV/
√Hz.
frequency
response
flatness.
For
a
dc-coupled
This is including the noise added by the bias current
inverting amplifier, Figure 51 shows one example of
cancellation resistor (175
Ω) on the noninverting input.
an offset adjustment technique that has minimal
This total input-referred spot noise voltage is only
impact on the signal frequency response. In this
slightly higher than the 5.5nV/
√Hz specification for the
case, the dc offsetting current is brought into the
op amp voltage noise alone. This will be the case as
inverting input node through resistor values that are
long as the impedances appearing at each op amp
much larger than the signal path resistors. This
input are limited to the previously recommend
ensures that the adjustment circuit has minimal effect
maximum value of 300
Ω. Keeping both (RF || RG) and
on the loop gain and hence, the frequency response.
the noninverting input source impedance less than
300
Ω will satisfy both noise and frequency response
flatness considerations. As the resistor-induced noise
is
relatively
negligible,
additional
capacitive
decoupling across the bias current cancellation
resistor (RB) for the inverting op amp configuration of
Figure 47 is not required.
DC ACCURACY AND OFFSET CONTROL
The
balanced
input
stage
of
a
wideband
voltage-feedback op amp allows good output dc
accuracy in a wide variety of applications. The
power-supply current trim for the OPA2690 gives
even tighter control than comparable amplifiers.
Although the high-speed input stage does require
relatively high input bias current (typically 5mA out of
each input terminal), the close matching between
them may be used to reduce the output dc error
caused by this current. The total output offset voltage
may be considerably reduced by matching the dc
source resistances appearing at the two inputs. This
reduces the output dc error due to the input bias
Figure 51. DC-Coupled, Inverting Gain of -2, with
currents to the offset current times the feedback
Offset Adjustment
resistor. Evaluating the configuration of Figure 36,
and using worst-case +25°C input offset voltage and
current specifications, gives a worst-case output
offset voltage equal to:
BLANKSPACE
BLANKSPACE
Copyright © 2002–2010, Texas Instruments Incorporated
25
Product Folder Link(s): OPA2690


Similar Part No. - OPA2690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2690 TI-OPA2690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 TI-OPA2690 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2690 TI-OPA2690 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2690 TI1-OPA2690 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2690 TI-OPA2690 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA2690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com