Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3680 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA3680
Description  Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3680 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA3680 Datasheet HTML 6Page - Texas Instruments OPA3680 Datasheet HTML 7Page - Texas Instruments OPA3680 Datasheet HTML 8Page - Texas Instruments OPA3680 Datasheet HTML 9Page - Texas Instruments OPA3680 Datasheet HTML 10Page - Texas Instruments OPA3680 Datasheet HTML 11Page - Texas Instruments OPA3680 Datasheet HTML 12Page - Texas Instruments OPA3680 Datasheet HTML 13Page - Texas Instruments OPA3680 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
®
OPA2680
TYPICAL PERFORMANCE CURVES: VS = +5V
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 2.
–40
–45
–50
–55
–60
–65
–70
–75
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω to VS/2
G = +2
G = +10
G = +5
–40
–45
–50
–55
–60
–65
–70
–75
–80
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
V
O = 2Vp-p
R
L = 100Ω to VS/2
G = +2
G = +10
G = +5
–40
–45
–50
–55
–60
–65
–70
–75
–80
2nd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
R
L = 500Ω
R
L = 200Ω
R
L = 100Ω
V
O = 2Vp-p
–40
–45
–50
–55
–60
–65
–70
–75
–80
3rd HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
R
L = 500
R
L = 100
V
O = 2Vp-p
R
L = 200
10
1
0.1
0.01
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10k
100M
100k
1M
10M
1/2
OPA2680
402
+5V
–5V
402
200
Z
O
–40
–45
–50
–55
–60
–65
–70
–75
–80
TWO-TONE, 3RD-ORDER SPURIOUS LEVEL
Single-Tone Load Power (dBm)
–14
–12
–10
–8
–6
–4
–2
0
2
50MHz
10MHz
Load Power at Matched 50
Ω Load
20MHz
dBc = dB Below Carrier


Similar Part No. - OPA3680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3680 TI1-OPA3680 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com