Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA680 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA680
Description  Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA680 Datasheet(HTML) 3 Page - Texas Instruments

  OPA680 Datasheet HTML 1Page - Texas Instruments OPA680 Datasheet HTML 2Page - Texas Instruments OPA680 Datasheet HTML 3Page - Texas Instruments OPA680 Datasheet HTML 4Page - Texas Instruments OPA680 Datasheet HTML 5Page - Texas Instruments OPA680 Datasheet HTML 6Page - Texas Instruments OPA680 Datasheet HTML 7Page - Texas Instruments OPA680 Datasheet HTML 8Page - Texas Instruments OPA680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
®
OPA2680
3
SPECIFICATIONS: VS = +5V
RF = 402Ω, RL = 100Ω to VS /2, G = +2, (Figure 2 for AC performance only), unless otherwise noted.
OPA2680U, N
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX LEVEL(1)
AC PERFORMANCE (Figure 2)
Small-Signal Bandwidth
G = +1, VO < 0.5Vp-p, RF = ±25Ω
300
MHz
typ
C
G = +2, VO < 0.5Vp-p
220
120
160
140
MHz
min
B
G = +10, VO < 0.5Vp-p
25
20
19
18
MHz
min
B
Gain-Bandwidth Product
G
≥ 10
250
200
190
180
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5Vp-p
20
MHz
typ
C
Peaking at a Gain of +1
VO < 0.5Vp-p
5
dB
typ
C
Large Signal Bandwidth
G = +2, VO = 2Vp-p
200
MHz
typ
C
Slew Rate
G = +2, 2V Step
1000
700
670
550
V/
µs
min
B
Rise/Fall Time
G = +2, VO = 0.5V Step
1.6
ns
typ
C
G = +2, VO = 2V Step
2.0
ns
typ
C
Settling Time to 0.02%
G = +2, VO = 2V Step
12
ns
typ
C
0.1%
G = +2, VO = 2V Step
8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd Harmonic
RL = 100Ω to VS/2
–60
–55
–54
–51
dBc
max
B
RL ≥ 500Ω to VS/2
–70
–66
–63
–59
dBc
max
B
3rd Harmonic
RL = 100Ω to VS/2
–72
–66
–64
–62
dBc
max
B
RL ≥ 500Ω to VS/2
–80
–76
–74
–71
dBc
max
B
Input Voltage Noise
f > 1MHz
5
5.3
6.0
6.2
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.5
2.8
3.0
3.4
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150 to VS/2
0.06
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150 to VS /2
0.03
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain
VO = 2.5V, RL = 100Ω to 2.5V
58
54
52
50
dB
min
A
Input Offset Voltage
VCM = 2.5V
±2.0
±6.0
±7
±8.5
mV
max
A
Average Offset Voltage Drift
VCM = 2.5V
–10
–12
µV/°C
max
B
Input Bias Current
VCM = 2.5V
+8
+15
+18
+32
µA
max
A
Average Bias Current Drift (magnitude)
VCM = 2.5V
–52
–52
nA/
°C
max
B
Input Offset Current
VCM = 2.5V
±0.1
±0.6
±1.0
±1.2
µA
max
A
Average Offset Current Drift
VCM = 2.5V
±0.5
±1.0
nA/
°C
max
B
INPUT
Least Positive Input Voltage(5)
1.5
1.6
1.7
1.8
V
max
A
Most Positive Input Voltage(5)
3.5
3.4
3.3
3.2
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 2.5V ±0.5V
59
56
53
52
dB
min
A
Input Impedance
Differential-Mode
VCM = 2.5V
92 || 1.4
k
Ω || pF
typ
C
Common-Mode
VCM = 2.5V
2.2 || 1.5
M
Ω || pF
typ
C
OUTPUT
Most Positive Output Voltage
No Load
4
3.8
3.6
3.5
V
min
A
RL = 100Ω to 2.5V
3.9
3.7
3.5
3.4
V
min
A
Least Positive Output Voltage
No Load
1
1.2
1.4
1.5
V
max
A
RL = 100Ω to 2.5V
1.1
1.3
1.5
1.7
V
max
A
Current Output, Sourcing
+150
+110
+110
+60
mA
min
A
Current Output, Sinking
–110
–75
–70
–50
mA
min
A
Closed-Loop Output Impedance
G =+2, f = 100kHz
0.03
typ
C
DISABLE (SO-14 Only)
Disabled Low
Power Down Supply Current (+VS)VDIS = 0, Both Channels
–500
µA
typ
C
Disable Time
100
ns
typ
C
Enable Time
25
ns
typ
C
Off Isolation
G = +2, 5MHz
65
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = VS /2
±50
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = VS /2
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (VDIS)VDIS = 0, Each Channel
100
µA
typ
C
POWER SUPPLY
Specified Single Supply Operating Voltage
5
V
typ
C
Maximum Single Supply Operating Voltage
12
12
12
V
max
B
Max Quiescent Current
VS = +5V
10.2
12.0
12.0
12.0
mA
max
A
Min Quiescent Current
VS = +5V
10.2
8.0
8.0
7.6
mA
min
A
Power Supply Rejection (+PSRR)
Input Referred
55
dB
typ
C
TEMPERATURE RANGE
Specification: U, N
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
U
SO-8
125
°C/W
typ
C
N
SO-14
100
°C/W
typ
C
NOTES: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information. (2) Junction temperature = ambient for 25
°C guaranteed specifications. (3) Junction temperature = ambient at low temperature
limit: Junction temperature = ambient +23
°C at high temperature limit for over temperature guaranteed specifications. (4) Current is considered positive-out-of node.
VCM is the input common-mode voltage. (5) Tested < 3dB below minimum CMRR specification at ±CMIR limits.


Similar Part No. - OPA680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA680 TI-OPA680 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 TI1-OPA680 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA680 TI1-OPA680 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA680

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2691ID TI-OPA2691ID Datasheet
1Mb / 30P
[Old version datasheet]   Dual Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com