Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4377AIPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4377AIPW
Description  5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4377AIPW Datasheet(HTML) 5 Page - Texas Instruments

  OPA4377AIPW Datasheet HTML 1Page - Texas Instruments OPA4377AIPW Datasheet HTML 2Page - Texas Instruments OPA4377AIPW Datasheet HTML 3Page - Texas Instruments OPA4377AIPW Datasheet HTML 4Page - Texas Instruments OPA4377AIPW Datasheet HTML 5Page - Texas Instruments OPA4377AIPW Datasheet HTML 6Page - Texas Instruments OPA4377AIPW Datasheet HTML 7Page - Texas Instruments OPA4377AIPW Datasheet HTML 8Page - Texas Instruments OPA4377AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
10
120
100
80
60
40
20
0
Frequency(Hz)
10M
100k
100
1k
10k
1M
V(+) Power-SupplyRejectionRatio
V( )
- Power-SupplyRejectionRatio
Common-Mode
RejectionRatio
0.1
160
140
120
100
80
60
40
20
0
-20
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
Frequency(Hz)
10M
1
100k
10
100
1k
10k
1M
Gain
Phase
1s/div
-50
-25
160
140
120
100
80
Temperature( C)
°
150
50
100
0
25
75
125
Open-LoopGain(R =10
)
kW
L
Power-SupplyRejectionRatio
(V =2.2Vto5.5V)
S
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
10
100
1
0.1
0.01
0.001
0.0001
Frequency(Hz)
100k
1k
10k
V =5V,V
=2V,V
=1V
S
CM
OUT
RMS
Gain=10V/V
Gain=1V/V
OPA377
OPA2377
OPA4377
www.ti.com
SBOS504B
– FEBRUARY 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
POWER-SUPPLY AND COMMON-MODE
OPEN-LOOP GAIN/PHASE vs FREQUENCY
REJECTION RATIO vs FREQUENCY
Figure 1.
Figure 2.
OPEN-LOOP GAIN AND POWER-SUPPLY
0.1Hz to 10Hz
REJECTION RATIO vs TEMPERATURE
INPUT VOLTAGE NOISE
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
INPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Figure 5.
Figure 6.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA377 OPA2377 OPA4377


Similar Part No. - OPA4377AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4377AIPW TI1-OPA4377AIPW Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377AIPWR TI1-OPA4377AIPWR Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
More results

Similar Description - OPA4377AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2377 TI1-OPA2377 Datasheet
1Mb / 26P
[Old version datasheet]   5MHz, Low-Noise, Single, Dual, Quad CMOS Operational Amplifiers
OPA4377 TI-OPA4377 Datasheet
1Mb / 27P
[Old version datasheet]   5MHz, Low-Noise,Single, Dual, Quad CMOS Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com