Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA322SAIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA322SAIDBVT
Description  CMOS Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322SAIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA322SAIDBVT Datasheet HTML 1Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 2Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 3Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 4Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 5Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 6Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 7Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 8Page - Texas Instruments OPA322SAIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
20-MHz, Low-Noise, 1.8-V, RRI/O,
CMOS Operational Amplifier with Shutdown
Check for Samples: OPA322, OPA322S, OPA2322, OPA2322S, OPA4322, OPA4322S
1
FEATURES
DESCRIPTION
The OPA322 series consists of single, dual, and
23
Gain Bandwidth: 20 MHz
quad-channel CMOS operational amplifiers featuring
Low Noise: 8.5 nV/
√Hz at 1 kHz
low noise and rail-to-rail inputs/outputs optimized for
Slew Rate: 10 V/
μs
low-power, single-supply applications. Specified over
a wide supply range of 1.8 V to 5.5 V, the low
Low THD+N: 0.0005%
quiescent current of only 1.5 mA per channel makes
Rail-to-Rail I/O
these
devices
well-suited
for
power-sensitive
Offset Voltage: 2 mV (max)
applications.
Supply Voltage: 1.8 V to 5.5 V
The combination of very low noise (8.5 nV/
√Hz at
Supply Current: 1.5 mA/ch
1 kHz), high gain-bandwidth (20 MHz), and fast slew
rate (10 V/
μs) make the OPA322 family ideal for a
Shutdown: 0.1
μA/ch
wide
range
of
applications,
including
signal
Unity-Gain Stable
conditioning and sensor amplification requiring high
Small Packages:
gains. Featuring low THD+N, the OPA322 series is
also
excellent
for
consumer
audio
applications,
SOT23, DFN, MSOP, TSSOP
particularly for single-supply systems.
APPLICATIONS
The OPAx322S models include a shutdown mode
allowing the amplifiers to be switched from normal
Sensor Signal Conditioning
operation to a standby current that is typically less
Consumer Audio
than 0.1
μA.
Multi-Pole Active Filters
The OPA322 (single version) is available in SOT23-5
Control-Loop Amplifiers
and SOT23-6, while the OPA2322 (dual version) is
Communications
offered in MSOP-8, MSOP-10, SO-8, and DFN-8
packages. The quad versions OPA4322 come in
Security
TSSOP-14 and TSSOP-16 packages. All versions are
Scanners
specified for operation from –40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322SAIDBVT TI1-OPA322SAIDBVT Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA322SAIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com