Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA374AIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA374AIDBVT
Description  CMOS Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA374AIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA374AIDBVT Datasheet HTML 1Page - Texas Instruments OPA374AIDBVT Datasheet HTML 2Page - Texas Instruments OPA374AIDBVT Datasheet HTML 3Page - Texas Instruments OPA374AIDBVT Datasheet HTML 4Page - Texas Instruments OPA374AIDBVT Datasheet HTML 5Page - Texas Instruments OPA374AIDBVT Datasheet HTML 6Page - Texas Instruments OPA374AIDBVT Datasheet HTML 7Page - Texas Instruments OPA374AIDBVT Datasheet HTML 8Page - Texas Instruments OPA374AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEATURES
D LOW OFFSET: 5mV (max)
D LOW IB: 10pA (max)
D HIGH BANDWIDTH: 6.5MHz
D RAIL-TO-RAIL INPUT AND OUTPUT
D SINGLE SUPPLY: +2.3V to +5.5V
D SHUTDOWN: OPAx373
D SPECIFIED UP TO +125°C
D MicroSIZE PACKAGES: SOT23-5, SOT23-6,
SOT23-8 and DFN-10
APPLICATIONS
D PORTABLE EQUIPMENT
D BATTERY-POWERED DEVICES
D ACTIVE FILTERS
D DRIVING A/D CONVERTERS
DESCRIPTION
The OPA373 and OPA374 families of operational
amplifiers are low power and low cost with excellent
bandwidth (6.5MHz) and slew rate (5V/
µs). The input
range extends 200mV beyond the rails and the output
range is within 25mV of the rails. The speed/power ratio
and small size make them ideal for portable and
battery-powered applications.
The OPA373 family includes a shutdown mode. Under
logic control, the amplifiers can be switched from normal
operation to a standby current that is less than 1
µA.
The OPA373 and OPA374 families of operational
amplifiers are specified for single or dual power supplies
of +2.7V to +5.5V, with operation from +2.3V to +5.5V. All
models are specified for −40
°C to +125°C.
1
2
3
5
4
V+
−IN
Out
V
+IN
OPA374
SOT23−5
1
2
3
4
8
7
6
5
Enable
V+
OUT
NC(2)
NC(2)
−IN
+IN
V
OPA373
SO−8
1
2
3
4
8
7
6
5
NC(2)
V+
OUT
NC(2)
NC(2)
−IN
+IN
V
OPA374
SO−8
1
2
3
4
5
10
9
8
7
6
V+
OUT B
−IN B
+IN B
Enable B
OUT A
−IN A
+IN A
V
Enable A
OPA2373
MSOP−10
A
B
1
2
3
4
8
7
6
5
V+
OUT B
−IN B
+IN B
OUT A
−IN A
+IN A
V
OPA2374
SO−8, SOT23−8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT D
−IN D
+IN D
V
+IN C
−IN C
OUT C
OUT A
−IN A
+IN A
V+
+IN B
−IN B
OUT B
OPA4374
SO−14, TSSOP−14
A
D
B
C
1
2
3
6
5
4
V+
Enable
−IN
Out
V
+IN
OPA373
SOT23−6(1)
OPA2373
DFN−10
V+
OUT B
−IN B
+IN B
Enable B
OUT A
−IN A
+IN A
V
Enable A
Exposed
thermal
die pad on
underside
(Must be
connected to V
−)
(1) Pin 1 of the SOT23-6 is determined by orienting the package marking as shown.
(2) NC indicates no internal connection.
OPA373, OPA2373
OPA374
OPA2374, OPA4374
SBOS279E − SEPTEMBER 2003 − REVISED MAY 2008
6.5MHz, 585
µA, Rail-to-Rail I/O
CMOS Operational Amplifier
www.ti.com
Copyright
 2003-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - OPA374AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA374AIDBVT BURR-BROWN-OPA374AIDBVT Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA374AIDBVT TI1-OPA374AIDBVT Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
OPA374AIDBVTG4 TI1-OPA374AIDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - OPA374AIDBVT

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
   CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
   CMOS Operational Amplifier
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
[Old version datasheet]   CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
   CMOS operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
Texas Instruments
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Quad Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
[Old version datasheet]   RRIO CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com