Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA316IDCKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA316IDCKT
Description  10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA316IDCKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA316IDCKT Datasheet HTML 4Page - Texas Instruments OPA316IDCKT Datasheet HTML 5Page - Texas Instruments OPA316IDCKT Datasheet HTML 6Page - Texas Instruments OPA316IDCKT Datasheet HTML 7Page - Texas Instruments OPA316IDCKT Datasheet HTML 8Page - Texas Instruments OPA316IDCKT Datasheet HTML 9Page - Texas Instruments OPA316IDCKT Datasheet HTML 10Page - Texas Instruments OPA316IDCKT Datasheet HTML 11Page - Texas Instruments OPA316IDCKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
OPA316, OPA2316, OPA2316S, OPA4316
SBOS703E – APRIL 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
6.8 Electrical Characteristics
VS (total supply voltage) = (V+) – (V–) = 1.8 V to 5.5 V.
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.5
±2.5
mV
VS = 5 V, TA = –40°C to +125°C
±3.5
mV
dVOS/dT
Drift
VS = 5 V, TA = –40°C to +125°C
±2
±10
μV/°C
PSRR
vs power supply
VS = 1.8 V – 5.5 V, VCM = (V–)
±30
±150
µV/V
VS = 1.8 V – 5.5 V, VCM = (V–), TA = –40°C to +125°C
±250
µV/V
Channel separation, dc
At dc
10
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
VS = 1.8 V to 2.5 V
(V–) – 0.2
(V+)
V
VS = 2.5 V to 5.5 V
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
VS = 1.8 V, (V–) – 0.2 V < VCM < (V+) – 1.4 V,
TA= –40°C to +125°C
70
86
dB
VS = 5.5 V, (V–) – 0.2 V < VCM < (V+) – 1.4 V,
TA= –40°C to +125°C
76
90
dB
VS = 1.8 V, VCM = –0.2 V to 1.8 V,
TA= –40°C to +125°C
57
72
dB
VS = 5.5 V, VCM = –0.2 V to 5.7 V,
TA= –40°C to +125°C
65
80
dB
INPUT BIAS CURRENT
IB
Input bias current
±5
±15
pA
TA= –40°C to +125°C
±15
nA
IOS
Input offset current
±2
±15
pA
TA= –40°C to +125°C
±8
nA
NOISE
En
Input voltage noise (peak-to-peak)
VS = 5 V, f = 0.1 Hz to 10 Hz
3
μVPP
en
Input voltage noise density
VS = 5 V, f = 1 kHz
11
nV/
√Hz
in
Input current noise density
f = 1 kHz
1.3
fA/
√Hz
INPUT IMPEDANCE
ZID
Differential
2 || 2
1016
Ω || pF
ZIC
Common-mode
2 || 4
1011
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8 V, (V–) + 0.04 V < VO < (V+) – 0.04 V,
RL = 10 kΩ
94
100
dB
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ
104
110
dB
VS = 1.8 V, (V–) + 0.1 V < VO < (V+) – 0.1 V,
RL = 2 kΩ
90
96
dB
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ
100
106
dB
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ, TA= –40°C to +125°C
86
dB
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ, TA= –40°C to +125°C
84
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
VS = 5 V, G = +1
10
MHz
φm
Phase margin
VS = 5 V, G = +1
60
Degrees
SR
Slew rate
VS = 5 V, G = +1
6
V/
μs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
1
μs
To 0.01%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
1.66
μs
tOR
Overload recovery time
VS = 5 V, VIN × gain = VS
0.3
μs
THD + N
Total harmonic distortion + noise(1) VS = 5 V, VO = 0.5 VRMS, G = +1, f = 1 kHz
0.0008%


Similar Part No. - OPA316IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA316QDBVRQ1 TI1-OPA316QDBVRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
OPA316QDBVTQ1 TI1-OPA316QDBVTQ1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA316IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com