Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA632 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA632
Description  Dual, Low-Power, Single-Supply OPERATIONAL AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA632 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA632 Datasheet HTML 5Page - Texas Instruments OPA632 Datasheet HTML 6Page - Texas Instruments OPA632 Datasheet HTML 7Page - Texas Instruments OPA632 Datasheet HTML 8Page - Texas Instruments OPA632 Datasheet HTML 9Page - Texas Instruments OPA632 Datasheet HTML 10Page - Texas Instruments OPA632 Datasheet HTML 11Page - Texas Instruments OPA632 Datasheet HTML 12Page - Texas Instruments OPA632 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
OPA2631
9
SBOS067A
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
SMALL-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
V
O = 200mVp-p
G = +10
G = +2
G = +5
12
9
6
3
0
–3
–6
–9
–12
–15
–18
LARGE-SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
300
V
O = 2Vp-p
V
O = 200mVp-p
V
O = 1Vp-p
TYPICAL PERFORMANCE CURVES: VS = +3V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS /2, unless otherwise noted (see Figure 1).
–30
–40
–50
–60
–70
–80
–90
TWO-TONE, 3rd-ORDER
INTERMODULATION SPURIOUS
Single-Tone Load Power (dBm)
–16
–14
–12
–10
–8
–6
–4
Load Power at
Matched 50
Ω Load
f
O = 10MHz
f
O = 1MHz
f
O = 5MHz
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
1
10
100
300
V
O = 0.2Vp-p
R
S
1/2
OPA2631
V
O
1k
C
L
+V
S/2
C
L = 100pF
R
S = 35.7Ω
C
L = 1000pF
R
S = 10Ω
C
L = 10pF
R
S = 249Ω
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
OUTPUT SWING vs LOAD RESISTANCE
R
L (Ω)
50
100
1000
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Maximum V
O
Minimum V
O
Right Scale
Left Scale
1000
100
10
1
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1000


Similar Part No. - OPA632

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA632 BURR-BROWN-OPA632 Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA632 TI1-OPA632 Datasheet
278Kb / 17P
[Old version datasheet]   Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
OPA632 TI1-OPA632 Datasheet
298Kb / 18P
[Old version datasheet]   OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
OPA6323URO KODENSHI-OPA6323URO Datasheet
96Kb / 1P
   Ultra Red LED Chip
logo
Burr-Brown (TI)
OPA632N BURR-BROWN-OPA632N Datasheet
176Kb / 17P
   Low Power, Single-Supply OPERATIONAL AMPLIFIERS TM
More results

Similar Description - OPA632

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2132 NJRC-NJM2132 Datasheet
185Kb / 3P
   SINGLE-SUPPLY LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2631 BURR-BROWN-OPA2631 Datasheet
144Kb / 17P
   Dual, Low Power, Single-Supply OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-21 AD-OP-21_15 Datasheet
1Mb / 6P
   LOW POWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
logo
National Semiconductor ...
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. A
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Burr-Brown (TI)
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
   Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com